Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8028W Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA8028W
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028W Datasheet(HTML) 3 Page - NXP Semiconductors

  SA8028W Datasheet HTML 1Page - NXP Semiconductors SA8028W Datasheet HTML 2Page - NXP Semiconductors SA8028W Datasheet HTML 3Page - NXP Semiconductors SA8028W Datasheet HTML 4Page - NXP Semiconductors SA8028W Datasheet HTML 5Page - NXP Semiconductors SA8028W Datasheet HTML 6Page - NXP Semiconductors SA8028W Datasheet HTML 7Page - NXP Semiconductors SA8028W Datasheet HTML 8Page - NXP Semiconductors SA8028W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
3
QUICK REFERENCE DATA
VDDCP = VDD = VDDpre= +3.0 V, Tamb = +25°C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD, VDDpre
Digital supply voltage
VDD = VDDpre
2.7
–
3.6
V
VDDCP
Charge pump supply voltage
VDDCP ≥ VDD, VDDpre
2.7
–
3.6
V
IDDtotal
Total supply current
RF and IF. on
–
7.6
–
mA
IDDsleep
Total supply current in power-down mode
–
0.1
1
µA
fRFin
VCO Input frequency range
500
–
2500
MHz
fIFin
Input frequency range
100
–
760
MHz
fREFin
Crystal reference input frequency
5
–
30
MHz
fCOMPMAX
Maximum phase comparator frequency
RF phase comparator;
max. limit is indicative
–
–
30
MHz
Tamb
Operating ambient temperature
–40
–
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com