Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-7489 Datasheet(PDF) 1 Page - Stanford Microdevices

Part # SGA-7489
Description  DC-3000 MHZ SILICON GERMANIUM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-7489 Datasheet(HTML) 1 Page - Stanford Microdevices

  SGA-7489 Datasheet HTML 1Page - Stanford Microdevices SGA-7489 Datasheet HTML 2Page - Stanford Microdevices SGA-7489 Datasheet HTML 3Page - Stanford Microdevices SGA-7489 Datasheet HTML 4Page - Stanford Microdevices SGA-7489 Datasheet HTML 5Page - Stanford Microdevices SGA-7489 Datasheet HTML 6Page - Stanford Microdevices SGA-7489 Datasheet HTML 7Page - Stanford Microdevices SGA-7489 Datasheet HTML 8Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Description
Preliminary
1
EDS-101801 Rev A
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
726 Palomar Ave., Sunnyvale, CA 94085
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford
Microdevices product for use in life-support devices and/or systems.
Copyright 2001 Stanford Microdevices, Inc. All worldwide rights reserved.
SGA-7489
DC-3000 MHz Silicon Germanium
HBT Cascadeable Gain Block
Product Features
• DC-3000 MHz Operation
• Single Voltage Supply
•High Output Intercept: +36 dBm typ. at 850 MHz
• Low Noise Figure: 2.9 dB typ. at 850 MHz
Applications
• OscillatorAmplifiers
• PAfor Low / Medium PowerApplications
• IF/ RF Buffer Amplifier
• Drivers for CATVAmplifiers
• LO Driver Amplifier
Stanford Microdevices’ SGA-7489 is a high performance
cascadeable 50-ohm amplifier designed for operation at 5
Volts DC. This RFIC uses the latest Silicon Germanium
Heterostructure Bipolar Transistor (SiGe HBT) process
featuring 1 micron emitters with FT up to 50 GHz.
This circuit uses a darlington pair topology with resistive
feedback for broadband performance as well as stability
over its entire temperature range. Internally matched to
50 ohm impedance, the SGA-7489 requires only DC blocking
and bypass capacitors and a bias inductor for external
components. Frequency performance may be extended using
the 2 GHz application circuit shown on sheet 5.
l
o
b
m
y
S
:
s
n
o
it
i
d
n
o
C
t
s
e
T
:
s
r
e
t
e
m
a
r
a
P
Z
0
I
,
s
m
h
O
0
5
=
D
5
2
=
T
,
A
m
0
3
1
=
o
C
s
ti
n
U
.
n
i
M
.
p
y
T
.
x
a
M
s
e
t
o
N
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
z
H
M
0
0
1
=
f
z
H
M
0
0
5
=
f
z
H
M
0
5
8
=
f
*
z
H
M
0
5
9
1
=
f
m
B
d
m
B
d
m
B
d
m
B
d
8
.
2
2
6
.
2
2
4
.
2
2
*
3
.
0
2
g
n
i
s
U
*
z
H
G
2
.t
k
C
.
p
p
A
)
5
t
e
e
h
s
(
P
I
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
r
e
w
o
P
z
H
M
0
0
1
=
f
z
H
M
0
0
5
=
f
z
H
M
0
5
8
=
f
*
z
H
M
0
5
9
1
=
f
m
B
d
m
B
d
m
B
d
m
B
d
6
.
8
3
2
.
7
3
0
.
6
3
*
7
.
5
3
g
n
i
s
U
*
z
H
G
2
.t
k
C
.
p
p
A
)
5
t
e
e
h
s
(
S
1
2
n
i
a
G
l
a
n
g
i
S
ll
a
m
S
z
H
M
0
0
1
=
f
z
H
M
0
0
5
=
f
z
H
M
0
5
8
=
f
*
z
H
M
0
5
9
1
=
f
B
d
B
d
B
d
B
d
7
.
3
2
0
.
3
2
0
.
2
2
*
3
.
8
1
g
n
i
s
U
*
z
H
G
2
.t
k
C
.
p
p
A
)
5
t
e
e
h
s
(
h
t
d
i
w
d
n
a
BS
y
b
d
e
n
i
m
r
e
t
e
D
(
1
1
S
,
2
2
)
s
e
u
l
a
Vz
H
M0
0
0
3
S
1
1
s
s
o
L
n
r
u
t
e
R
t
u
p
n
Iz
H
M
0
0
0
3
-
C
D
=
fB
d8
.
1
1
S
2
2
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
Oz
H
M
0
0
0
3
-
C
D
=
fB
d3
.
9
S
2
1
n
o
it
a
l
o
s
I
e
s
r
e
v
e
R
z
H
M
0
0
1
=
f
z
H
M
0
0
5
=
f
z
H
M
0
5
8
=
f
*
z
H
M
0
5
9
1
=
f
B
d
B
d
B
d
B
d
8
.
5
2
8
.
5
2
4
.
5
2
*
7
.
2
2
g
n
i
s
U
*
z
H
G
2
.t
k
C
.
p
p
A
)
5
t
e
e
h
s
(
F
NZ
,
e
r
u
g
i
F
e
s
i
o
N
S
s
m
h
O
0
5
=z
H
M
0
5
8
=
fB
d9
.
2
V
D
e
g
a
tl
o
V
e
c
i
v
e
D
V0
.
5
l-
j,
h
t
R)
d
a
e
l
-
n
o
it
c
n
u
j(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
o
W
/
C2
8
S21 vs. Frequency, T=+25C, Id=130 mA
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
Frequency (MHz)


Similar Part No. - SGA-7489

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489 Datasheet
653Kb / 6P
DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489Z SIRENZA-SGA-7489Z Datasheet
99Kb / 4P
DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
More results

Similar Description - SGA-7489

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-3586 ETC-SGA-3586 Datasheet
249Kb / 5P
DC-5000 MHz Silicon Germanium Cascadeable Gain Block
SGA-0363 ETC-SGA-0363 Datasheet
260Kb / 5P
DC 5000 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
SGA-4563 ETC-SGA-4563 Datasheet
265Kb / 5P
DC-2500 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-5263 STANFORD-SGA-5263 Datasheet
258Kb / 5P
DC-4500 mhz silicon GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0163 SIRENZA-SGA-0163 Datasheet
249Kb / 5P
DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
SGA-0363 SIRENZA-SGA-0363 Datasheet
251Kb / 5P
DC-5000 MHz, Silicon Germanium Cascadeable Gain Block
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-5263 SIRENZA-SGA-5263 Datasheet
259Kb / 6P
DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com