Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP6180SK3 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP6180SK3
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6180SK3 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP6180SK3 Datasheet HTML 1Page - Diodes Incorporated DMP6180SK3 Datasheet HTML 2Page - Diodes Incorporated DMP6180SK3 Datasheet HTML 3Page - Diodes Incorporated DMP6180SK3 Datasheet HTML 4Page - Diodes Incorporated DMP6180SK3 Datasheet HTML 5Page - Diodes Incorporated DMP6180SK3 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP6180SK3
Document number: DS36172 Rev. 3 - 2
2 of 6
www.diodes.com
July 2013
© Diodes Incorporated
DMP6180SK3
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TC = +25°C
TC = +100°C
ID
-14
-10
A
Maximum Body Diode Forward Current (Note 6)
IS
4.1
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
25
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.7
W
TA = +70°C
1.0
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RJA
76
°C/W
t<10s
33
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.7
W
TA = +70°C
1.5
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RJA
50
°C/W
t<10s
24
Total Power Dissipation (Note 6)
TC = +25°C
PD
40
W
TC = +100°C
16
Thermal Resistance, Junction to Case (Note 6)
Steady state
RJC
3.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-60
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS = -48V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-1.2
-2.7
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)
60
110
m
Ω
VGS = -10V, ID = -12A
80
140
VGS = -4.5V, ID =-8A
Forward Transfer Admittance
|Yfs|

15
S
VDS = -5V, ID = -12A
Diode Forward Voltage
VSD
-0.7
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
984.7
pF
VDS = -30V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
58
Reverse Transfer Capacitance
Crss
45.5
Gate Resistance
RG

12.9

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
Qg
8.1
nC
VDS = -30V, ID = -12A
Total Gate Charge (VGS = -10V)
Qg

17.1

Gate-Source Charge
Qgs
3.2
Gate-Drain Charge
Qgd
3.9
Turn-On Delay Time
tD(on)
5.9
ns
VGS = -10V, VDS = -30V, RGEN = 3Ω,
RL = 2.5Ω
Turn-On Rise Time
tr
21.2
Turn-Off Delay Time
tD(off)
30.9
Turn-Off Fall Time
tf

39.1

Body Diode Reverse Recovery Time
trr
19.9
ns
IS = -12A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr

1.7

nC
IS = -12A, dI/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout.
7. Short duration pulse test used to minimize self-heating effect
8. Guaranteed by design. Not subject to production testing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com