Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3203TL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203TL/NOPB
Description  Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203TL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3203TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 11Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 12Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 13Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 14Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 15Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 16Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 17Page - Texas Instruments LM3203TL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LM3203
SNVS355D – MAY 2005 – REVISED APRIL 2013
www.ti.com
repeated until the load is reduced and the output voltage exceeds approximately 0.375V. Therefore, the device
may not startup if an excessive load is connected to the output when the device is enabled. The synchronous
rectifier is off in the timed current limit mode. Timed current limit prevents the loss of current control seen in
some products when the output voltage is pulled low in serious overload conditions. This timed current limit
function is disabled if the BYPOUT pin is connected to VDD.
A current limit is also provided for the NFET. This is approximately
−500mA. Both the NFET and the PFET are
turned off in negative current limit until the PFET is turned on again at the beginning of the next cycle. The
negative current limit inhibits buildup of excessive negative inductor current.
In the Bypass mode, the bypass current limit is 1000mA (typ.). The output voltage drops when the bypass
current limit kicks in.
Thermal Overload Protection
The LM3203 has a thermal overload protection function to protect the device from short-term misuse and
overload conditions. When the junction temperature exceeds around 150°C, the device inhibits operation. Both
the PFET and the NFET are turned off in PWM mode, and the Bypass PFET is turned off in Bypass mode. When
the temperature drops below 130°C, normal operation resumes. Prolonged operation in thermal overload
conditions may damage the device.
APPLICATION INFORMATION
SETTING THE OUTPUT VOLTAGE
The LM3203 features a pin-controlled variable feedback voltage. It can be programmed for an output voltage
from 0.8V to 3.6V by setting the voltage on the VCON pin, as in the formula below ( Refer to Figure 31). In this
scheme the output voltage is directly proportional to VCON.
VOUT = (( R1 + R2) / R2 ) x VCON
(1)
When VCON is between 0.267V and 1.20V, the output voltage will follow the above equation. For example, the
VOUT is proportionally 3 times of VCON when external resistor dividers are used as in Figure 31 .
If VOUT is over 3.6V, sub-harmonic oscillation may occur because of insufficient slope compensation.
If the target voltage is less than 0.8V, the output voltage may not be regulated due to the required on-time being
less than the minimum on-time (50ns). The output voltage can go lower than 0.8V providing a limited VIN range is
used. Refer to Typical Performance Characteristics (Low VCON Voltage vs Output Voltage curve) for details. This
curve is for a typical part and there could be part to part variation for output voltages less than 0.8V over the
limited VIN range. In addition, if the VCON voltage is less than approx. 0.15V, the LM3203 output is off, but the
internal bias circuits are still active.
INDUCTOR SELECTION
A 3.3µH inductor with saturation current rating over 940mA is recommended for almost all applications. The
inductor resistance should be less than 0.3
Ω for better efficiency. Table 1 lists suggested inductors and
suppliers.
Table 1. Suggested Inductors and Suppliers
Model
Size (WxLxH) [mm]
Vendor
DO3314-332MX
3.3 x 3.3 x 1.4
Coilcraft
NR3015T3R3M
3.0 x 3.0 x 1.5
Taiyo- Yuden
A 2.2uH inductor can be used if maximum current in PWM mode is 300mA. For low-cost applications, an
unshielded bobbin inductor can be used. For noise-critical applications, a toroidal or shielded-bobbin inductor
should be used. A good practice is to layout the board with footprints accommodating both types for design
flexibility. This allows substitution of an unshielded inductor, in the event that noise from low-cost bobbin models
is unacceptable. Saturation occurs when the magnetic flux density from current through the windings of the
inductor exceeds what the inductor’s core material can support with a corresponding magnetic field. This can
cause poor efficiency, regulation errors or stress to a DC-DC converter like the LM3203.
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com