Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3203 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203
Description  Step-Down DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203 Datasheet(HTML) 2 Page - Texas Instruments

  LM3203 Datasheet HTML 1Page - Texas Instruments LM3203 Datasheet HTML 2Page - Texas Instruments LM3203 Datasheet HTML 3Page - Texas Instruments LM3203 Datasheet HTML 4Page - Texas Instruments LM3203 Datasheet HTML 5Page - Texas Instruments LM3203 Datasheet HTML 6Page - Texas Instruments LM3203 Datasheet HTML 7Page - Texas Instruments LM3203 Datasheet HTML 8Page - Texas Instruments LM3203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
A1
B1
C1
D1
A3
B3
C3
D3
SGND
A2
D2
EN
BYPOUT
PVIN
SW
PGND
VDD
FB
VCON
BYP
A3
B3
C3
D3
A1
B1
C1
D1
SGND
A2
D2
EN
BYPOUT
PVIN
SW
PGND
VDD
FB
VCON
BYP
LM3203
SNVS355D – MAY 2005 – REVISED APRIL 2013
www.ti.com
CONNECTION DIAGRAMS
Figure 1. Top View
Figure 2. Bottom View
10–Bump Thin DSBGA Package, Large Bump.
See NS Package Number YPA0010NHA.
PIN DESCRIPTION
Pin #
Name
Description
A1
VDD
Analog Supply Input. A 0.1 µF ceramic capacitor is recommended to be placed as close to this pin as
possible. (Figure 31)
B1
VCON
Voltage Control Analog input. VCON controls VOUT in PWM mode. (Refer to Setting the Output Voltage) Do not
leave floating.
C1
FB
Feedback Analog Input. Connect to the external resistor divider. (Figure 31)
D1
BYP
Bypass. Use this digital input to command operation in Bypass mode. Set BYP low for PWM operation.
D2
EN
Enable Input. Set this digital input high after Vin >2.7V for normal operation. For shutdown, set low.
D3
PGND
Power Ground
C3
SW
Switching Node connection to the internal PFET switch and NFET synchronous rectifier.
Connect to an inductor with a saturation current rating that exceeds the maximum Switch Peak Current Limit
specification of the LM3203.
B3
PVIN
Power Supply Voltage Input to the internal PFET switch and Bypass FET. (Figure 31)
A3
BYPOUT
Bypass FET Drain. Connect to the output capacitor. (Figure 31) Connect this pin to VDD when Bypass mode is
NOT required. Do not leave floating.
A2
SGND
Analog and Control Ground
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com