Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3208TL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3208TL/NOPB
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3208TL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3208TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 11Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 12Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 13Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 14Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 15Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
MOSFET
CONTROL
LOGIC
SW
CURRENT
COMP
OSCILLATOR
ERROR
AMPLIFIER
DELAY
LOGIC
VCON
FB
SHUTDOWN
CONTROL
MAIN CONTROL
EN
FET SIZE
CONTROL
COMP
PVIN
PGND
VDD
GND
SMALL
PFET
LARGE
PFET
LM3208
SNVS404B – APRIL 2006 – REVISED MARCH 2013
www.ti.com
BLOCK DIAGRAM
Figure 34. Functional Block Diagram
OPERATION DESCRIPTION
The LM3208 is a simple, step-down DC-DC converter optimized for powering RF power amplifiers (PAs) in
mobile phones, portable communicators, and similar battery powered RF devices. It is designed to allow the RF
PA to operate at maximum efficiency over a wide range of power levels from a single Li-Ion battery cell. It is
based on a current-mode buck architecture, with synchronous rectification for high efficiency. It is designed for a
maximum load capability of 650mA when VOUT > 1.05V (typ.) and 400mA when VOUT < 1.00V (typ.) in PWM
mode.
Maximum load range may vary from this depending on input voltage, output voltage and the inductor chosen.
Efficiency is typically around 95% for a 400mA load with 3.4V output, 3.9V input. The LM3208 has an RDSON
management scheme to increase efficiency when VOUT ≤ 1V. The output voltage is dynamically programmable
from 0.8V to 3.6V by adjusting the voltage on the control pin without the need for external feedback resistors.
This prolongs battery life by changing the PA supply voltage dynamically depending on its transmitting power.
Additional features include current overload protection and thermal overload shutdown.
The LM3208 is constructed using a chip-scale 8-pin DSBGA package. This package offers the smallest possible
size, for space-critical applications such as cell phones, where board area is an important design consideration.
Use of a high switching frequency (2MHz, typ.) reduces the size of external components. As shown in Figure 1,
only three external power components are required for implementation. Use of a DSBGA package requires
special design considerations for implementation. (See DSBGA Package Assembly and Use in the Application
Information section.) Its fine bump-pitch requires careful board design and precision assembly equipment. Use of
this package is best suited for opaque-case applications, where its edges are not subject to high-intensity
ambient red or infrared light. In addition, the system controller should set EN low during power-up and other low
supply voltage conditions. (See Shutdown Mode in the Device Information section.)
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com