Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3243 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243
Description  High-Current Step-Down Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3243 Datasheet HTML 17Page - Texas Instruments LM3243 Datasheet HTML 18Page - Texas Instruments LM3243 Datasheet HTML 19Page - Texas Instruments LM3243 Datasheet HTML 20Page - Texas Instruments LM3243 Datasheet HTML 21Page - Texas Instruments LM3243 Datasheet HTML 22Page - Texas Instruments LM3243 Datasheet HTML 23Page - Texas Instruments LM3243 Datasheet HTML 24Page - Texas Instruments LM3243 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
+
-
LM3243
VBATT_PA
VIN DC-DC
VBATT
+
*
*Proper decoupling on VBATT_PA
is strongly recommended.
*
Star connection at VBATT
VIN
+
-
VBATT_PA
LM3243
www.ti.com
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
Layout Guidelines (continued)
fewer bypass capacitors.
VBATT Star Connection: It is critically important to use a ‘Star’ connection from VBATT supply to LM3243 PVIN
and from VBATT to PA modules as implementing a ‘daisy chain’ supply connection may add noise to the PA
output.
Figure 26. VBATT Star Connection on VIN And VBATT_PA
10.1.2 Manufacturing Considerations
The LM3243 package employs a 16-pin (4 × 4) array of 0.24-mm solder balls, with a 0.4-mm pad pitch. A few
simple design rules will go a long way to ensuring a good layout.
•
Pad size should be 0.225 ± 0.02 mm. Solder mask opening should be 0.325 ± 0.02 mm.
•
As a thermal relief, connect to each pad with 9 mil wide, 6 mil long traces and incrementally increase each
trace to its optimal width. Symmetry is important to ensure the solder bumps re-flow evenly. Refer to TI
Application Note AN-1112 DSBGA Wafer Level Chip Scale Package (SNVA009).
10.2 Layout Example
Figure 27. Simplified LM3243 RF Evaluation Board Schematic
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com