Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT82C596 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # VT82C596
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button VT82C596 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT82C596 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-19-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Power Management (continued)
Signal Name
Pin #
I/O
Signal Description
LID / GPI10
P16
I
Notebook Computer Display Lid Open / Closed Monitor.
Used by the
Power Management subsystem to monitor the opening and closing of the
display lid of notebook computers. Can be used to detect either low-to-high
and/or high-to-low transitions to generate an SMI#.
The VT82C596B
performs a 200 usec debounce of this input if Rx40[5] is set to 1.
May
optionally be programmed as a general purpose input (Rx74[4]=1).
RI# / GPI12
P18
I
Ring Indicator. May be connected to external modem circuitry to allow the
system to be re-activated by a received phone call. This input is referenced to
VCCSUS. May optionally be programmed as a general purpose input
(Rx74[6]=1).
THRM# / GPI8
H19
I
Thermal Detect.
If the VT82C596B is enabled to allow it, asserting this
signal initiates hardware Clock Throttling mode. This causes STPCLK# to be
cycled at a preset programmable rate (see Function 3 configuration space
Rx4C). May optionally be programmed as a general purpose input
(Rx74[2]=1).
SCIOUT# / GPO29
F3
O
ACPI System Control Interrupt. Connected to the external APIC if used.
May optionally be programmed as a general purpose output (Rx74[7]=0).
CPUSTP# / GPO17
R1
O
CPU Clock Stop. Signals the system clock generator to disable the CPU clock
outputs.
May optionally be programmed as a general purpose output
(Rx75[1]=1).
PCISTP# / GPO18
R2
O
PCI Clock Stop. Signals the system clock generator to disable the PCI clock
outputs. May optionally be programmed as a general purpose output
(Rx75[2]=1).
ZZ / GPO19
K16
O
L2 Cache SRAM Low Power Mode. Used to power down the L2 Cache
SRAMs during CPU Stop Clock state. May optionally be programmed as a
general purpose output (Rx75[3]=1).
SUSA#
W20
O
Suspend Plane A Control. Asserted during power management POS, STR,
and STD suspend states. Used to control the primary power plane.
SUSB# / GPO15
V19
O
Suspend Plane B Control. Asserted during power management STR and STD
suspend states. Used to control the secondary power plane. May optionally be
programmed as a general purpose output (Rx75[0]=1).
SUSC# / GPO16
U18
O
Suspend Plane C Control. Asserted during power management STD suspend
state.
Used to control the tertiary power plane.
May optionally be
programmed as a general purpose output (Rx75[0]=1).
SUSST1# / GPO20
T17
O
Suspend Status 1. Typically connected to the North Bridge (e.g., VT82C598
Apollo MVP3) to provide information on host clock status. Asserted when the
system may stop the host clock, such as Stop Clock or during POS, STR, or
STD suspend states.
May optionally be programmed as a general purpose
output (Rx75[4]=1).
SUSST2# / GPO21
T18
O
Suspend Status 2. Typically connected to other system devices to provide
information on system suspend state.
Asserted during POS, STR, or STD
suspend states. May optionally be programmed as a general purpose output
(Rx75[5]=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com