Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM1804RGET Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1804RGET
Description  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1804RGET Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCM1804RGET Datasheet HTML 13Page - Texas Instruments CDCM1804RGET Datasheet HTML 14Page - Texas Instruments CDCM1804RGET Datasheet HTML 15Page - Texas Instruments CDCM1804RGET Datasheet HTML 16Page - Texas Instruments CDCM1804RGET Datasheet HTML 17Page - Texas Instruments CDCM1804RGET Datasheet HTML 18Page - Texas Instruments CDCM1804RGET Datasheet HTML 19Page - Texas Instruments CDCM1804RGET Datasheet HTML 20Page - Texas Instruments CDCM1804RGET Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
www.ti.com
High-Z
EN
IN
Y:/1
Undefined
Low
High-Z
Y:/2
Undefined
Low
High-Z
Y:/4
Undefined
Low
1
µs
Signal State After the Device is Enabled (IN = Low)
High-Z
EN
IN
Y:/1
Undefined
Low
High-Z
Y:/2
Undefined
Low
High-Z
Y:/4
Undefined
Low
1
µs
Signal State After the Device is Enabled (IN = High)
Undivided State is Valid After the First
Positive Transition of the Input Clock
T0068-01
Enabling a Single Output Stage
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
APPLICATION INFORMATION (continued)
Figure 15. Waveforms
If a single output stage becomes enabled:
•
Y[2:0] is either low or high (undefined).
•
Y[2:0] is the inverted signal of Y[2:0].
With the first positive clock transition, the undivided output becomes the input clock state. The divided output
states are equal to the actual internal divider. The internal divider is not reset while enabling single-output drivers.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com