Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04ADE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC04ADE4
Description  HEX INVERTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC04ADE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC04ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC04ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC04ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC04ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC04ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC04ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC04ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC04ADE4 Datasheet HTML 9Page - Texas Instruments SN74LVC04ADE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SN54LVC04A, SN74LVC04A
SCAS281S – JANUARY 1993 – REVISED OCTOBER 2010
www.ti.com
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC04A
FROM
TO
PARAMETER
VCC
TA = 25°C
–40°C to 85°C
–40°C to 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V ± 0.15 V
1
4.1
7.5
1
8
1
9.5
2.5 V ± 0.2 V
1
3.6
7
1
7.5
1
9
tpd
A
Y
ns
2.7 V
1
3
5.3
1
5.5
1
7
3.3 V ± 0.3 V
1
2.5
4.3
1
4.5
1
6
tsk(o)
3.3 V ± 0.3 V
1
1.5
ns
Operating Characteristics
TA = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
6
Cpd
Power dissipation capacitance per gate
f = 10 MHz
2.5 V
7
pF
3.3 V
8
6
Submit Documentation Feedback
Copyright © 1993–2010, Texas Instruments Incorporated
Product Folder Link(s): SN54LVC04A SN74LVC04A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com