Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS239KUA Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS239KUA
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS239KUA Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS239KUA Datasheet HTML 1Page - SEC Electronics Inc. SS239KUA Datasheet HTML 2Page - SEC Electronics Inc. SS239KUA Datasheet HTML 3Page - SEC Electronics Inc. SS239KUA Datasheet HTML 4Page - SEC Electronics Inc. SS239KUA Datasheet HTML 5Page - SEC Electronics Inc. SS239KUA Datasheet HTML 6Page - SEC Electronics Inc. SS239KUA Datasheet HTML 7Page - SEC Electronics Inc. SS239KUA Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SS239
CMOS Omnipolar High Sensitivity Micropower Hall Switch
2
V3.10
Nov 1, 2013
Typical Application Circuit
SEC's pole-independent sensing technique allows for operation with either a north pole or south pole magnet ori-
entation, enhancing the manufacturability of the device. The state-of-the-art technology provides the same output
polarity for either pole face.
It is strongly recommended that an external bypass be connected (in close proximity to the Hall sensor) between
the supply and ground of the device to reduce both external noise and noise generated by the chopper-stabilization
technique. This is especially true due to the relatively high impedance of battery supplies.
Internal Timing Circuit
Awake Taw: 175μs
Period
Sleep Tsl: 70ms
Time
Current
0
Isp
Iaw
Iavg
Sample & Output
Latched



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com