Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9094 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS9094
Description  iButtonTM Clip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9094 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS9094 Datasheet HTML 1Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 of 1
101199
FEATURES
§ Low-cost holder for 16.3 mm MicroCan
§ Printed circuit board mount
§ Contacts are 302 spring stainless steel
§ Flammability rating: UL94V-O
§ Two versions:
−
DS9094F for F5 MicroCan (flanged
rim, 5.8 mm high)
−
DS9094FS for surface mounting F5
MicroCan (flanged rim, 5.8 mm high)
§ Printed circuit contacts are selectively tin-
lead plated for improved solderability
PC BOARD MOUNTING DETAILS
DESCRIPTION
The DS9094 iButton Clip holds an iButton and connects to a printed circuit board. By deflecting the
spring clip in the molded housing, an iButton can be inserted and extracted without special tools. If
reverse insertion is attempted, the beveled edge on the housing prevents contact.
NOTE:
Due to the large variation of cycles and temperatures in reflow ovens, it is recommended to experiment
with this clip first before using it in production. If guaranteed compliance with the reflow soldering
process is required, the DS9098 iButton Retainer should be preferred.
DS9094
iButton
TM Clip
www.dalsemi.com
All dimensions are in millimeters.


Similar Part No. - DS9094

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9094-SM5+ MAXIM-DS9094-SM5+ Datasheet
53Kb / 1P
Surface-Mount iButton Clip
050207
logo
Dallas Semiconductor
DS9094F DALLAS-DS9094F Datasheet
164Kb / 2P
iButton PCB Clip
logo
Maxim Integrated Produc...
DS9094F MAXIM-DS9094F Datasheet
164Kb / 2P
iButton PCB Clip
072308
logo
Dallas Semiconductor
DS9094F+ DALLAS-DS9094F+ Datasheet
164Kb / 2P
iButton PCB Clip
DS9094FS+ DALLAS-DS9094FS+ Datasheet
164Kb / 2P
iButton PCB Clip
More results

Similar Description - DS9094

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1992 DALLAS-DS1992 Datasheet
537Kb / 17P
1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
DS1996 DALLAS-DS1996 Datasheet
321Kb / 18P
64kbit Memory iButtonTM
logo
Pomona Electronics
5413 POMONA-5413 Datasheet
25Kb / 1P
14 Pin SOIC Clip Test Clip
5514 POMONA-5514 Datasheet
21Kb / 1P
SOIC Clip Test Clip Kit
6107 POMONA-6107 Datasheet
39Kb / 1P
32 Pin SOIC Clip Test Clip
6108 POMONA-6108 Datasheet
38Kb / 1P
40 In. SOIC Clip Test Clip
6109 POMONA-6109 Datasheet
38Kb / 1P
44 Pin SOIC Clip Test Clip
logo
Tyco Electronics
2-1105300-1 MACOM-2-1105300-1 Datasheet
88Kb / 1P
CLIP
2-1105300-2 MACOM-2-1105300-2 Datasheet
88Kb / 1P
CLIP
logo
Dallas Semiconductor
DS9092R DALLAS-DS9092R Datasheet
59Kb / 2P
iButtonTM Port
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com