Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS648EUA Datasheet(PDF) 10 Page - SEC Electronics Inc.

Part # SS648EUA
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS648EUA Datasheet(HTML) 10 Page - SEC Electronics Inc.

Back Button SS648EUA Datasheet HTML 2Page - SEC Electronics Inc. SS648EUA Datasheet HTML 3Page - SEC Electronics Inc. SS648EUA Datasheet HTML 4Page - SEC Electronics Inc. SS648EUA Datasheet HTML 5Page - SEC Electronics Inc. SS648EUA Datasheet HTML 6Page - SEC Electronics Inc. SS648EUA Datasheet HTML 7Page - SEC Electronics Inc. SS648EUA Datasheet HTML 8Page - SEC Electronics Inc. SS648EUA Datasheet HTML 9Page - SEC Electronics Inc. SS648EUA Datasheet HTML 10Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SS648
CMOS Omnipolar High Sensitivity Micropower Hall Switch
10
V3.1 Nov 1, 2013
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static
Discharge control procedures whenever handling semiconductor products.
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS648ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS648ESTT
YES
-40°C to 85°C
TSOT-23
7-in. reel, 3000 pieces/ reel
SS648EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/ bag
SS648KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS648KSTT
YES
-40°C to 125°C
TSOT-23
7-in. reel, 3000 pieces/ reel
SS648KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/ bag
SS648LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/ reel
SS648LSTT
YES
-40°C to 150°C
TSOT-23
7-in. reel, 3000 pieces/ reel
SS648LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/ bag



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com