Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3410XMF/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3410XMF/NOPB
Description  Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3410XMF/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3410XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Control
ILED
VO
Q1
D1
L1
C1
+
-
VSW
IL
IC
VIN
LM3410, LM3410Q
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The LM3410 is a constant frequency PWM, boost regulator IC. It delivers a minimum of 2.1A peak switch
current. The device operates very similar to a voltage regulated boost converter except that it regulates the
output current through LEDs. The current magnitude is set with a series resistor. This series resistor multiplied by
the LED current creates the feedback voltage (190 mV) which the converter regulates to. The regulator has a
preset switching frequency of either 525 kHz or 1.60 MHz. This high frequency allows the LM3410 to operate
with small surface mount capacitors and inductors, resulting in a DC/DC converter that requires a minimum
amount of board space. The LM3410 is internally compensated, so it is simple to use, and requires few external
components. The LM3410 uses current-mode control to regulate the LED current. The following operating
description of the LM3410 will refer to the Simplified Block Diagram (Figure 13) the simplified schematic
(Figure 14), and its associated waveforms (Figure 15). The LM3410 supplies a regulated LED current by
switching the internal NMOS control switch at constant frequency and variable duty cycle. A switching cycle
begins at the falling edge of the reset pulse generated by the internal oscillator. When this pulse goes low, the
output control logic turns on the internal NMOS control switch. During this on-time, the SW pin voltage (VSW)
decreases to approximately GND, and the inductor current (IL) increases with a linear slope. IL is measured by
the current sense amplifier, which generates an output proportional to the switch current. The sensed signal is
summed with the regulator’s corrective ramp and compared to the error amplifier’s output, which is proportional
to the difference between the feedback voltage and VREF. When the PWM comparator output goes high, the
output switch turns off until the next switching cycle begins. During the switch off-time, inductor current
discharges through diode D1, which forces the SW pin to swing to the output voltage plus the forward voltage
(VD) of the diode. The regulator loop adjusts the duty cycle (D) to maintain a regulated LED current.
Figure 14. Simplified Boost Topology Schematic
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com