Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3432MHX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3432MHX/NOPB
Description  6-Channel Current Regulator for LED Backlight Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3432MHX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM3432MHX/NOPB Datasheet HTML 1Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 2Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 3Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 4Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 5Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 6Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 7Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 8Page - Texas Instruments LM3432MHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
19
7
6
5
4
3
2
13
14
15
16
17
18
EP
VCC
IREF
AGND
CDHC
VDHC
EN
MODE
NC
NC
NC
IOUT5
IOUT4
IOUT3
IOUT2
IOUT6
NC
IOUT5
NC
IOUT4
NC
IOUT3
NC
IOUT2
NC
IOUT1
NC
PGND
PGND
EN
MODE
DIM
NC
NC
NC
VCC
IREF
AGND
CDHC
VIN
VDHC
FAULTb
OTMb
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
EP
LM3432, LM3432B
SNVS498D – APRIL 2007 – REVISED MAY 2013
www.ti.com
DESCRIPTION CONTINUED
The 6-channel current sink can be adjusted from 15mA to 40mA by an external resistor. Their output drivers can
withstand up to 80V. Digital PWM or analog voltage signal can be used to control the duty cycle of all the
channels. With a fast current switching slew rate, tr = 60ns typical, accurate current control and wide dimming
ratio during PWM dimming are ensured.
The LM3432/LM3432B contain LED open/short circuit and over-temperature fault signaling to the system micro-
controller (the LM3432B does not include open circuit fault signaling). These devices are available in a low
profile, thermally enhanced 24 lead WQFN package. The LM3432 is also available in the 28 lead eHTSSOP.
Connection Diagram
Figure 1. Top View
Figure 2. Top View
24 Lead Plastic WQFN-24
28 Lead Plastic eHTSSOP-28
Pin Descriptions
Pin Number
Name
Description
WQFN-24
eHTSSOP-28
1
5
VCC
Internal linear regulator output, needs 680nF minimum for stability.
2
6
IREF
IOUT current setting pin. An external resistor is used to program the string current.
3
7
AGND
Analog ground
4
8
CDHC
An external capacitor to ground programs the Dynamic Headroom Control (DHC)
response time constant.
5
9
VDHC
DHC voltage output. Connecting this output through a gain setting resistor to the DHC
pin of Texas Instruments Semiconductor's LM3430 enables the DHC function.
6
10
EN
Device Enable, active HIGH.
7
11
MODE
Dimming mode select pin. Short to ground for Digital PWM dimming or connect to an
external capacitor to ground for analog dimming.
8
12
DIM
Digital PWM or Analog voltage input for IOUT duty cycle.
9
13
FAULTb
Open drain active LOW output for output fault.
10
14
OTMb
Open drain active LOW over temperature warning output.
12, 13, 15,
15, 17, 19,
IOUT1-6
Constant current sink outputs, adjustable 15mA to 40mA, voltage across this pin can
be up to 80V max.
17, 19, 20
21, 23, 25
22
27, 28
PGND
Power Ground.
24
1
VIN
Supply voltage input, from 6V to 40V.
11, 14, 16,
2, 3, 4, 16, 18,
NC
No connection and should be left open.
18, 21, 23
20, 22, 24, 26
EP
EP
EP
Thermal connection pad, connect directly to GND.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3432 LM3432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com