Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8431V Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8431V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8431V Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP8431V Datasheet HTML 26Page - National Semiconductor (TI) DP8431V Datasheet HTML 27Page - National Semiconductor (TI) DP8431V Datasheet HTML 28Page - National Semiconductor (TI) DP8431V Datasheet HTML 29Page - National Semiconductor (TI) DP8431V Datasheet HTML 30Page - National Semiconductor (TI) DP8431V Datasheet HTML 31Page - National Semiconductor (TI) DP8431V Datasheet HTML 32Page - National Semiconductor (TI) DP8431V Datasheet HTML 33Page - National Semiconductor (TI) DP8431V Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
70 RAS and CAS Configuration Modes (Continued)
72 MEMORY INTERLEAVING
Memory interleaving allows the cycle time of DRAMs to be
reduced by having sequential accesses to different memory
banks Since the DP8430V31V32V have separate pre-
charge counters per bank sequential accesses will not be
delayed if the accessed banks use different RAS outputs
To ensure different RAS outputs will be used a mode is
selected where either one or two RAS outputs will be as-
serted during an access The bank select or selects B0 and
B1 are then tied to the least significant address bits caus-
ing a different group of RASs to assert during each sequen-
tial access as shown in
Figure 25 In this figure there should
be at least one clock period of all RAS’s negated between
different RAS’s being asserted to avoid the condition of a
CAS before RAS refresh cycle
73 ADDRESS PIPELINING
Address pipelining allows several access RASstobeas-
serted at once Because RASs can overlap each bank re-
quires either a mode where one RAS and one CAS are used
per bank as shown in
Figure 26a or where two RASs and
two CASs are used per bank as shown in
Figure 26b Byte
writing can be accomplished in a 16-bit word system if two
RASs and two CASs are used per bank In other systems
WEs (or external gating on the CAS outputs) must be used
to perform byte writing If WEs are used separate data in
and data out buffers must be used If the array is not layed
out this way a CAS to a bank can be low before RAS which
will cause a refresh of the DRAM not an access To take
full advantage of address pipelining memory interleaving is
used To memory interleave the least significant address
bits should be tied to the bank select inputs to ensure that
all ‘‘back to back’’ sequential accesses are not delayed
since different memory banks are accessed
TLF11118 – 38
FIGURE 25 Memory Interleaving (C6 C5 C4 e 1 1 0 during Programming)
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com