Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3578AM/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3578AM/NOPB
Description  Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3578AM/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3578AM/NOPB Datasheet HTML 15Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 16Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 17Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 18Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 19Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 20Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 21Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 22Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LM2578A, LM3578A
www.ti.com
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
R1 = (|Vo| +1) R2 where R2 = 10 kΩ.
R3 = V/(IL(max, DC) + 0.5 ΔIL).
R4 = 10VBE1Bf/(IL (max, DC) + 0.5 ΔIL)
where:
V, VBE1, Vsat, and Bf are defined in the Buck Converter with Boosted Output Current section.
ΔIL = 2(ILOAD(min))(Vin +|Vo|)/VIN
R5 is defined in the Buck Converter with Boosted Output Current section.
R6 serves the same purpose as R4 in the Boost Regulator circuit and is typically 220 k
Ω.
C1, C3 and C4 are defined in the Boost Regulator section.
C2
≥ Io |Vo|/[fosc(|Vo| + Vin) Vripple]
L1 is found as outlined in the section on buck converters, using the inductance chart of Figure 29 for the invert
configuration and 20% discontinuity.
Vin = 5V
R4 = 190
Ω
Vo = −15V
R5 = 82
Ω
Vripple = 5 mV
R6 = 220 k
Ω
Io = 300 mA
C1 = 1820 pF
Imin = 60 mA
C2 = 1000
μF
fosc = 50 kHz
C3 = 20 pF
R1 = 160 k
Ω
C4 = 0.0022
μF
R2 = 10 k
Ω
L1 = 150
μH
R3 = 0.01
Ω
D1 = 1N5818
Figure 34. Inverting Regulator
BUCK-BOOST REGULATOR
The Buck-Boost Regulator, shown in Figure 35, may step a voltage up or down, depending upon whether or not
the desired output voltage is greater or less than the input voltage. In this case, the output voltage is 12V with an
input voltage from 9V to 15V. The circuit exhibits an efficiency of 75%, with a load regulation of 60 mV (10 mA to
100 mA) and a line regulation of 52 mV.
R1 = (Vo − 1) R2 where R2 = 10 kΩ
R3 = V/0. 75A
R4, C1, C3 and C4 are defined in the Boost Regulator section.
D1 and D2 are Schottky type diodes such as the 1N5818 or 1N5819.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com