Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3578AMX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3578AMX/NOPB
Description  Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3578AMX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3578AMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM2578A, LM3578A
www.ti.com
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
TEST CIRCUIT*
Parameter tests can be made using the test circuit shown. Select the desired Vin, collector voltage and duty cycle
with adjustable power supplies. A digital volt meter with an input resistance greater than 100 M
Ω should be used
to measure the following:
Input Reference Voltage to Ground; S1 in either position.
Level Shift Accuracy (%) = (TP3(V)/1V) × 100%; S1 at I1 = I2 = 1 mA
Input Current (mA) = (1V
− Tp3 (V))/1 MΩ: S1 at I1 = I2 = 0 mA.
Oscillator parameters can be measured at Tp4 using a frequency counter or an oscilloscope.
The Current Limit Sense Voltage is measured by connecting an adjustable 0-to-1V floating power supply in
series with the current limit terminal and referring it to either the ground or the Vin terminal. Set the duty cycle to
90% and monitor test point TP5 while adjusting the floating power supply voltage until the LM2578A's duty cycle
just reaches 0%. This voltage is the Current Limit Sense Voltage.
The Supply Current should be measured with the duty cycle at 0% and S1 in the I1 = I2 = 0 mA position.
*LM2578A specifications are measured using automated test equipment. This circuit is provided for the
customer's convenience when checking parameters. Due to possible variations in testing conditions, the
measured values from these testing procedures may not match those of the factory.
Op amp supplies are ±15V
DVM input resistance >100 M
Ω
*LM2578 max duty cycle is 90%
Definition of Terms
Input Reference Voltage: The voltage (referred to ground) that must be applied to either the inverting or non-
inverting input to cause the regulator switch to change state (ON or OFF).
Input Reference Current: The current that must be drawn from either the inverting or non-inverting input to
cause the regulator switch to change state (ON or OFF).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com