Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3553 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3553
Description  1.2A Dual Flash LED Driver System
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3553 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 7Page - Texas Instruments LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments LM3553 Datasheet HTML 10Page - Texas Instruments LM3553 Datasheet HTML 11Page - Texas Instruments LM3553 Datasheet HTML 12Page - Texas Instruments LM3553 Datasheet HTML 13Page - Texas Instruments LM3553 Datasheet HTML 14Page - Texas Instruments LM3553 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0
bit7
0
bit6
VFB
bit5
1
bit4
1
bit3
VM
bit2
EN1
bit1
EN0
bit0
MSB
LSB
General Purpose Control
Register Address: 0x10
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
1
0
1
0
1
0
1
I
2
C Slave Address (chip address)
LM3553
www.ti.com
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
INTERNAL REGISTERS OF LM3553
Register
Internal Hex Address
Power On Value
General Purpose Register
0x10
0001 1000
Multi-Function Pin Control Register
0x20
1110 0000
Current Step Time Register
0x50
1111 1100
Torch Current Control Register
0xA0
1000 0000
Flash Current Control Register
0xB0
1000 0000
Flash Duration Control Register
0xC0
1111 0000
General Purpose Register
EN0-EN1: Set Flash LED mode
Indicator Mode sets ILED = 20mA. In this mode, D1 is enabled and D2 is disabled.
VM: Enables Voltage Mode. Current sinks D1 and D2 are turned off and the LM3553 will operate in a regulated
voltage boost mode. Setting the VM bit to a '1' does not override the EN0 and EN1 bits stored in the general
purpose register. The default setting is '0'. If the LM3553 is in Voltage Mode and an indicator, torch or flash
command is issued, the LM3553 will turn on the D1 and D2 current sources and begin regulating the output
voltage to a value equal to VFB (350mV or 450mV) + VLED.
VM
EN1
EN0
Function
0
0
0
Shutdown
0
0
1
Indicator Mode
0
1
0
Torch Mode
0
1
1
Flash Mode
1
0
0
Voltage Mode
1
0
1
Indicator Mode
1
1
0
Torch Mode
1
1
1
Flash Mode
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com