Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3555 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555
Description  Synchronous Boost Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3555 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments LM3555 Datasheet HTML 11Page - Texas Instruments LM3555 Datasheet HTML 12Page - Texas Instruments LM3555 Datasheet HTML 13Page - Texas Instruments LM3555 Datasheet HTML 14Page - Texas Instruments LM3555 Datasheet HTML 15Page - Texas Instruments LM3555 Datasheet HTML 16Page - Texas Instruments LM3555 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
VIN
(2V/DIV)
VOUT
(5V/DIV)
VLED
(5V/DIV)
ILED
(50 mA/DIV)
Time
(400 ms/DIV)
VTORCH
(1V/DIV)
ILED
(20 mA/DIV)
Time
(10 ms/DIV)
IIN
(200 mA/DIV)
VOUT
(2V/DIV)
VLED
(200 mA/DIV)
ILED
(200 mA/DIV)
Time
(1 ms/DIV)
IIN
(500 mA/DIV)
VOUT
(2V/DIV)
VLED
(2V/DIV)
Time
(80 Ps/DIV)
IIN
(500 mA/DIV)
VOUT
(2V/DIV)
VLED
(2V/DIV)
Time
(400 Ps/DIV)
IIN
(500 mA/DIV)
VOUT
(2V/DIV)
VLED
(5V/DIV)
ILED
(50 mA/DIV)
Time
(1 ms/DIV)
13
LM3555
www.ti.com
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6 V; CIN1= 10 µF, CIN2= 0.1 µF, COUT = 11 µF; L = 2.2 µH.
Figure 31. Overvoltage Protection Fault (OVP)
Figure 32. VOUT Short to GND Fault
Figure 33. VLED Short to GND Fault
Figure 34. Broken Inductor Fault
Figure 35. Undervoltage Lockout (UVLO)
Figure 36. Torch Deglitching Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com