Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3555TLE/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555TLE/NOPB
Description  Synchronous Boost Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3555TLE/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3555TLE/NOPB Datasheet HTML 1Page - Texas Instruments LM3555TLE/NOPB Datasheet HTML 2Page - Texas Instruments LM3555TLE/NOPB Datasheet HTML 3Page - Texas Instruments LM3555TLE/NOPB Datasheet HTML 4Page - Texas Instruments LM3555TLE/NOPB Datasheet HTML 5Page - Texas Instruments LM3555TLE/NOPB Datasheet HTML 6Page - Texas Instruments LM3555TLE/NOPB Datasheet HTML 7Page - Texas Instruments LM3555TLE/NOPB Datasheet HTML 8Page - Texas Instruments LM3555TLE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
A3
B3
C3
D3
A2
B2
C2
D2
A1
B1
C1
D1
A1
B1
C1
D1
A2
B2
C2
D2
A3
B3
C3
D3
3
LM3555
www.ti.com
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YZR Package
12-Pin DSBGA
Top View
YZR Package
12-Pin DSBGA
Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NUMBER
NAME
A1
PGND
—
Power ground
A2
SGND
—
Signal ground
A3
VIN
I
Input voltage pin of the device. Connect input bypass capacitor very close to this pin.
B1
SW
—
Inductor connection
B2
TORCH
I
Torch pin. Driving this pin high enables torch mode.
B3
IND
O
Red indicator LED current source. Connect to RED LED anode
C1
VOUT
O
Boost output. Connect output bypass capacitor very close to this pin
C2
STROBE
I/O
Strobe signal input pin to synchronize flash pulse in I2C mode. This signal usually comes
from the camera processor. In simple logic mode this pin, when tied to a voltage rail
through a pullup resistor indicates the number of LEDs in the system.
C3
I2C / EN
I
I2C / EN-logic selection. High = I2C mode, Low = simple logic mode.
D1
VLED
O
LED current source. Connect to the anode of the flash LED. One or two LEDs can be
connected in series.
D2
SDA / EN2
I/O
EN2 signal pin in simple logic mode. I2C data signal in I2C mode.
D3
SCL / EN1
I
EN1 signal pin in simple logic mode. I2C clock signal in I2C mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com