Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDF30CC-3 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # RDF30CC-3
Description  UL489 FUSIBLE DISCONNECT SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RDF30CC-3 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  RDF30CC-3 Datasheet HTML 1Page - Cooper Bussmann, Inc. RDF30CC-3 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3A1994
3A1994
Door drilling
Percage de porte
Perforación de puerta
1.10 in
28 mm
Ø 1.45 in
Ø 37 mm
4 Ø 0.27 in
4 Ø 7 mm
TEST
O
OFF
90°
65°
ON
I
Padlocking position
Position cadenassage
Posicion con candado
Handle mounting : see instruction sheet 3A2023
Montage poignée : voir notice de montage 3A2023
Montaje del mando : ver instrucciones de montaje 3A2023
SH1-200
SH1-320
SH1-400
H4X-04B
H4X-04R
Allen key size 2
6 pans de 2
13 Ib.in
1,5 Nm
17.7 Ib.in
2 Nm
Pozidriv 2
Ø5 x 14
13.3 Ib.in
1,5 Nm
17.5 Ib.in
2 Nm
Philips n°2
Allen key size 2
6 pans de 2
13 Ib.in
1,5 Nm
17.5 Ib.in
2 Nm
2-6 mm²
14-10 AWG
12 mm
0.5 in
17.5 Ib-in
2 Nm
Pozidriv n°2
O-OFF
SH2-200
SH2-300
SH2-420
}
RDF30CC-3 / RDF30CC-3N
RDF30J-3-COMP / RDF30J-3N-COMP
H12-05B
H12-05R
H4x-05B
H4x-05R
H4x-05TB
H4x-05TR
SWITCHES
USED WITH
HANDLES
INTERRUPTEURS
UTILISEES AVEC
POIGNEES
INTERRUPTORES
UTILIZACIÓN CON
MANDOS
Minimum enclosure dimensions
Dimensions minimums des coffrets
Dimensiones minimas de las cajas
Defeating the interlock in ON position
Déverrouillage de porte en position I
Desenganche del cerrojo en posicion I
Padlocking the handle
Cadenassage de la poignée
Bloqueable por candados
HAZARDOUS VOLTAGE
. Disconnect all power before servicing.
. Be sure enclosure is closed securely
before operating device
.
. Testing of live equipment should only be
performed by qualified service personnel
in accordance with local regulations.
Failure to follow these instructions
will result in death or serious injury.
TENSION PELIGROSA
. Desenergice el equipo antes de una
itervención.
. Asegurarse del cierre de la caja antes de
manipular el equipo
.
. Solamente el personal especializado debera
probar los equipos sobre tension.
El incumplimiento de estas precauciones
podrá causar la muerte o lesiones
serias.
TENSION DANGEREUSE
. Couper l’alimentation avant
intervention.
. S’assurer de la fermeture du coffret
avant manoeuvre de l’appareil
.
. Les essais des équipements sous
tensions ne doivent être effectués que
par du personnel qualifié.
Si ces précautions ne sont pas
respectées cela entraînera la
mort ou des blessures graves.
DANGER / DANGER / PELIGRO
!
A
J
J1
C
B
K
K1
X
Y
Ø L
H
RDF30CC-3
RDF30CC-3N
RDF30J-3-COMP
RDF30J-3N-COMP
.76
19,5 +_2
+
_ .079
or
ou
max. Ø 0.31 in / Ø 8 mm
min. Ø 0.19 in / Ø 5 mm
3x
1
1
2
“CLIC”
1
2
3
A
B
C
H
J
J1
K
K1
ØL
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
RDF30CC-3
RDF30CC-3N
3P / 4P
6
153
8
204
6
153 3.5 89 1.47 37,5 0.59 15 3.13 79,5
1 25,5 0.21 5,5
RDF30J-3-COMP
RDF30J-3N-COMP 3P / 4P
6
153
8
204
6
153 3.5 89 1.47 37,5 0.59 15 3.30 84
1 25,5 0.21 5,5
O-OFF
O-OFF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com