Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8432V Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8432V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8432V Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button DP8432V Datasheet HTML 48Page - National Semiconductor (TI) DP8432V Datasheet HTML 49Page - National Semiconductor (TI) DP8432V Datasheet HTML 50Page - National Semiconductor (TI) DP8432V Datasheet HTML 51Page - National Semiconductor (TI) DP8432V Datasheet HTML 52Page - National Semiconductor (TI) DP8432V Datasheet HTML 53Page - National Semiconductor (TI) DP8432V Datasheet HTML 54Page - National Semiconductor (TI) DP8432V Datasheet HTML 55Page - National Semiconductor (TI) DP8432V Datasheet HTML 56Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
140 DP8430V31V32V User Hints
1 All inputs to the DP8430V31V32V should be tied high
low or the output of some other device
Note One signal is active high COLINC (EXTNDRF) should be tied low
to disable
2 Each ground on the DP8430V31V32V must be decou-
pled to the closest on-chip supply (VCC) with 01 mF ce-
ramic capacitor
This is necessary because these
grounds are kept separate inside the DP8430V31V32V
The decoupling capacitors should be placed as close as
possible with short leads to the ground and supply pins of
the DP8430V31V32V
3 The output called ‘‘CAP’’ should have a 01 mF capacitor
to ground
4 The DP8430V31V32V has 20X series damping resis-
tors built into the output drivers of RAS CAS address
and WE RFRQ Space should be provided for external
damping resistors on the printed circuit board (or wire-
wrap board) because they may be needed The value of
these damping resistors (if needed) will vary depending
upon the output the capacitance of the load and the
characteristics of the trace as well as the routing of the
trace The value of the damping resistor also may vary
between the wire-wrap board and the printed circuit
board To determine the value of the series damping re-
sistor it is recommended to use an oscilloscope and look
at the furthest DRAM from the DP8430V31V32V The
undershoot of RAS CAS WE and the addresses should
be kept to less than 05V below ground by varying the
value of the damping resistor The damping resistors
should be placed as close as possible with short leads to
the driver outputs of the DP8430V31V32V
5 The circuit board must have a good VCC and ground
plane connection If the board is wire-wrapped the VCC
and ground pins of the DP8430V31V32V the DRAM
associated logic and buffer circuitry must be soldered to
the VCC and ground planes
6 The traces from the DP8430V31V32V to the DRAM
should be as short as possible
7 Parameter Changes due to Loading
All AC parameters are specified with the equivalent load
capacitances including traces of 64 DRAMs organized
as 4 banks of 18 DRAMs each Maximums are based on
worst-case conditions If an output load changes then the
AC timing parameters associated with that particular
output must be changed For example if we changed our
output load to
C e 250 pF loads on RAS0 – 3 and CAS0–3
C e 760 pF loads on Q0 – 9 and WE
we would have to modify some parameters (not all calcu-
lated here)
$308a clock to CAS asserted
(tRAH e 15 ns tASC e 0 ns)
A ratio can be used to figure out the timing change per
change in capacitance for a particular parameter by using
the specifications and capacitances from heavy and light
load timing
Ratio e
$308a wHeavy Load b $308a wLight Load
CH(CAS) b CL(CAS)
e
79 ns b 72 ns
125 pF b 50 pF
e
7ns
75 pF
$308a (actual) e (capacitance difference c
ratio) a $308a (specified)
e
(250 pF b 125 pF)
7ns
75 pF
a
79 ns
e
117 ns a 79 ns
e
907 ns
250 pF load
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com