Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYA50N65C3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXYA50N65C3
Description  Preliminary Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA50N65C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYA50N65C3 Datasheet HTML 1Page - IXYS Corporation IXYA50N65C3 Datasheet HTML 2Page - IXYS Corporation IXYA50N65C3 Datasheet HTML 3Page - IXYS Corporation IXYA50N65C3 Datasheet HTML 4Page - IXYS Corporation IXYA50N65C3 Datasheet HTML 5Page - IXYS Corporation IXYA50N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYA50N65C3
IXYP50N65C3
IXYH50N65C3
V
CES
= 650V
I
C110
= 50A
V
CE(sat) 



 2.10V
t
fi(typ)
= 26ns
DS100552C(9/14)
Extreme Light Punch Through
IGBT for 20-60kHz Switching
Features
Optimized for 20-60kHz Switching
Square RBSOA
Avalanche Rated
Short Circuit Capability
International Standard Packages
Advantages
High Power Density
Extremely Rugged
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
High Frequency Power Inverters
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
A, V
GE = 0V
650
V
V
GE(th)
I
C
= 250
A, V
CE = VGE
3.5
6.0
V
I
CES
V
CE = VCES, VGE = 0V
15
A
T
J = 150C
250
A
I
GES
V
CE = 0V, VGE = 20V
100 nA
V
CE(sat)
I
C
= 36A, V
GE = 15V, Note 1
1.73
2.10
V
T
J = 150C
2.10
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
650
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1M
650
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C
132
A
I
C110
T
C
= 110°C
50
A
I
CM
T
C
= 25°C, 1ms
250
A
I
A
T
C
= 25°C
25
A
E
AS
T
C
= 25°C
400
mJ
SSOA
V
GE = 15V, TVJ = 150°C, RG = 5
I
CM = 100
A
(RBSOA)
Clamped Inductive Load
V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
8
μs
(SCSOA)
R
G
= 82
, Non Repetitive
P
C
T
C
= 25°C
600
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-247 & TO-220)
1.13 / 10
Nm/lb.in
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
XPTTM 650V IGBT
GenX3TM
Preliminary Technical Information
G = Gate
C
= Collector
E = Emitter
Tab = Collector
TO-220 (IXYP)
G
C E
TO-247 AD (IXYH)
G
C
E
TO-263 (IXYA)
G
E
C (Tab)
C (Tab)
C (Tab)


Similar Part No. - IXYA50N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYA50N65C3 IXYS-IXYA50N65C3 Datasheet
269Kb / 6P
Preliminary Technical Information
IXYA50N65C3 IXYS-IXYA50N65C3 Datasheet
269Kb / 6P
Preliminary Technical Information
More results

Similar Description - IXYA50N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com