Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYP8N90C3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXYP8N90C3
Description  900V XPTTM IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP8N90C3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXYP8N90C3 Datasheet HTML 1Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 2Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 3Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 4Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 5Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYY8N90C3
IXYP8N90C3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 8A, VCE = 10V, Note 1
2.9
4.8
S
C
ies
400
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
24
pF
C
res
7.8
pF
Q
g(on)
13.3
nC
Q
ge
I
C = 8A, VGE = 15V, VCE = 0.5 • VCES
3.4
nC
Q
gc
5.8
nC
t
d(on)
16
ns
t
ri
20
ns
E
on
0.46
mJ
t
d(off)
40
ns
t
fi
130
ns
E
off
0.18
0.50
mJ
t
d(on)
17
ns
t
ri
22
ns
E
on
1.00
mJ
t
d(off)
75
ns
t
fi
163
ns
E
off
0.22
mJ
R
thJC
1.20 °C/W
R
thCS
TO-252
0.35
°C/W
TO-220
0.50
°C/W
Inductive load, T
J = 25°C
I
C = 8A, VGE = 15V
V
CE = 0.5 • VCES, RG = 30
Note 2
Inductive load, T
J = 125°C
I
C = 8A, VGE = 15V
V
CE = 0.5 • VCES, RG = 30
Note 2
Pins: 1 - Gate
2 - Collector
3 - Emitter
TO-220 Outline
TO-252 AA Outline
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19 2.38
0.086
0.094
A1
0.89 1.14
0.035
0.045
A2
0 0.13
0
0.005
b
0.64 0.89
0.025
0.035
b1
0.76 1.14
0.030
0.045
b2
5.21 5.46
0.205
0.215
c
0.46 0.58
0.018
0.023
c1
0.46 0.58
0.018
0.023
D
5.97 6.22
0.235
0.245
D1
4.32 5.21
0.170
0.205
E
6.35 6.73
0.250
0.265
E1
4.32 5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51 1.02
0.020
0.040
L1
0.64 1.02
0.025
0.040
L2
0.89 1.27
0.035
0.050
L3
2.54 2.92
0.100
0.115
1. Gate
2. Collector
3. Emitter
4. Collector
Bottom Side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com