Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYY8N90C3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXYY8N90C3
Description  900V XPTTM IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYY8N90C3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXYY8N90C3 Datasheet HTML 1Page - IXYS Corporation IXYY8N90C3 Datasheet HTML 2Page - IXYS Corporation IXYY8N90C3 Datasheet HTML 3Page - IXYS Corporation IXYY8N90C3 Datasheet HTML 4Page - IXYS Corporation IXYY8N90C3 Datasheet HTML 5Page - IXYS Corporation IXYY8N90C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYY8N90C3
IXYP8N90C3
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
0.1
0.2
0.3
0.4
0.5
0.6
30
60
90
120
150
180
210
240
270
300
RG - Ohms
0
1
2
3
4
5
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 450V
I C = 8A
I C = 16A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
0
40
80
120
160
200
240
280
30
60
90
120
150
180
210
240
270
300
RG - Ohms
0
40
80
120
160
200
240
280
t f i
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 450V
I C = 16A
I C = 8A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
0.10
0.15
0.20
0.25
0.30
0.35
0.40
8
9
10
11
12
13
14
15
16
IC - Amperes
0.0
0.4
0.8
1.2
1.6
2.0
2.4
Eoff
Eon - - - -
RG = 30ΩVGE = 15V
VCE = 450V
TJ = 125ºC
TJ = 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
0.10
0.15
0.20
0.25
0.30
0.35
0.40
25
50
75
100
125
TJ - Degrees Centigrade
0.0
0.4
0.8
1.2
1.6
2.0
2.4
Eoff
Eon - - - -
RG = 30ΩVGE = 15V
VCE = 450V
IC = 8A
I C = 16A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
40
60
80
100
120
140
160
180
200
8
9
10
11
12
13
14
15
16
IC - Amperes
20
30
40
50
60
70
80
90
100
t f i
td(off) - - - -
RG = 30Ω, VGE = 15V
VCE = 450V
TJ = 125ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
40
60
80
100
120
140
160
180
200
220
25
50
75
100
125
TJ - Degrees Centigrade
20
30
40
50
60
70
80
90
100
110
t f i
td(off) - - - -
RG = 30Ω, VGE = 15V
VCE = 450V
I C = 8A
I C = 16A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com