Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1352LSOT Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS1352LSOT
Description  Unipolar Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1352LSOT Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS1352LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SS1352
Unipolar Hall Switch
2
V3.10
Nov 1, 2013
General Description
The SS1352 is a unipolar Hall effect sensor IC
fabricated from mixed signal CMOS technology.
The device integrates a voltage regulator, Hall
sensor with dynamic offset cancellation system,
Schmitt trigger and an open-drain output driver, all
in a single package.
It incorporates advanced chopper stabilization
techniques to provide accurate and stable magnetic
switch points. There are many applications for this
HED – Hall Electronic Device - in addition to those
listed above. Thanks to its wide operating voltage
range and extended choice of temperature range, it
is quite suitable for use in automotive, industrial
and consumer applications.
The device is delivered in a Small Outline
Transistor (SOT) for surface mount process or in a
Plastic Single In Line (SIP flat) for through- hole
mount. Both 3-lead packages are RoHS compliant.
Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the
output driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the
output driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com