Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1438LSOT Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS1438LSOT
Description  Unipolar Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1438LSOT Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS1438LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS1438LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS1438LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS1438LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS1438LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS1438LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS1438LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS1438LSOT Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SS1438
Unipolar Hall Switch
1
V3.10
Nov 1, 2013
Features and Benefits
–
Wide operating voltage range from 2.5V to 24V
–
Medium sensitivity
–
CMOS technology
–
Chopper-stabilized amplifier stage
 Superior temperature stability
 Extremely low switchpoint drift
 Insensitive to physical stress
–
Low current consumption
–
Open drain output
–
Tiny SOT23 3L or flat SIP 3L
Both RoHS Compliant packages
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Interrupter
–
Speed detection
–
Linear position detection
–
Angular position detection
–
Proximity detection
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
Functional Block Diagram
VDD
OUT
Voltage
Regulator
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND


Similar Part No. - SS1438LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS143 SECELECTRONICS-SS143 Datasheet
254Kb / 6P
Unipolar Hall-Effect Digital Switch
logo
Honeywell Solid State E...
SS143A HONEYWELL-SS143A Datasheet
222Kb / 3P
Surface Mount Digital Position Sensors
logo
SEC Electronics Inc.
SS143ESPT SECELECTRONICS-SS143ESPT Datasheet
254Kb / 6P
Unipolar Hall-Effect Digital Switch
SS143KSPT SECELECTRONICS-SS143KSPT Datasheet
254Kb / 6P
Unipolar Hall-Effect Digital Switch
SS143LSPT SECELECTRONICS-SS143LSPT Datasheet
254Kb / 6P
Unipolar Hall-Effect Digital Switch
More results

Similar Description - SS1438LSOT

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL114 MICRONAS-HAL114 Datasheet
127Kb / 9P
Unipolar Hall Switch IC
logo
SEC Electronics Inc.
SS109 SECELECTRONICS-SS109 Datasheet
224Kb / 6P
Unipolar Hall Switch
SS5682 SECELECTRONICS-SS5682 Datasheet
243Kb / 9P
Unipolar Hall Switch
SS5782 SECELECTRONICS-SS5782 Datasheet
243Kb / 9P
Unipolar Hall Switch
logo
BCD Semiconductor Manuf...
AH922 BCDSEMI-AH922 Datasheet
366Kb / 15P
UNIPOLAR HALL-EFFECT SWITCH
logo
SEC Electronics Inc.
SS109 SECELECTRONICS-SS109_14 Datasheet
203Kb / 5P
Unipolar Hall Switch
SS109_1311 SECELECTRONICS-SS109_1311 Datasheet
224Kb / 6P
Unipolar Hall Switch
SS1352 SECELECTRONICS-SS1352 Datasheet
258Kb / 8P
Unipolar Hall Switch
SS5682_1311 SECELECTRONICS-SS5682_1311 Datasheet
260Kb / 8P
Unipolar Hall Switch
logo
Major-Power Technology ...
MA7014 MPOWER-MA7014 Datasheet
122Kb / 2P
Unipolar Hall Effect Switch
Rev0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com