Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1881LSOT Datasheet(PDF) 7 Page - SEC Electronics Inc.

Part # SS1881LSOT
Description  Hall Latch - High Sensitivity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1881LSOT Datasheet(HTML) 7 Page - SEC Electronics Inc.

  SS1881LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 8Page - SEC Electronics Inc. SS1881LSOT Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SS1881
Hall Latch - High Sensitivity
7
V3.10
Nov 1, 2013
The SS1881 have been optimized for commutation applications in 5V and 12V brushless DC motors. The follow
figure is the typical application circuit for 3 phase brushless DC motors.
Standard information regarding manufacturability of Hall IC with different soldering processes
Our products are classified and qualified regarding soldering technology, solderability and moisture sensitivity lev-
el according to following test methods:
Reflow Soldering SMD’s (Surface Mount Devices)
IPC/JEDEC J-STD-020
Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices(classification re-
flow profiles according to table 5-2)
EIA/JEDEC JESD22-A113
Preconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing(reflow profiles according to
table 2)
Wave Soldering SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
EN60749-20
Resistance of plastic- encapsulated SMD’s to combined effect of moisture and soldering heat
EIA/JEDEC JESD22-B106 and EN60749-15
Resistance to soldering temperature for through-hole mounted devices
Iron Soldering THD’s (Through Hole Devices)
EN60749-15
Resistance to soldering temperature for through-hole mounted devices
Solderability SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
EIA/JEDEC JESD22-B102 and EN60749-21 solderability
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com