Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS3413-ALSTT Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS3413-ALSTT
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS3413-ALSTT Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS3413-ALSTT Datasheet HTML 1Page - SEC Electronics Inc. SS3413-ALSTT Datasheet HTML 2Page - SEC Electronics Inc. SS3413-ALSTT Datasheet HTML 3Page - SEC Electronics Inc. SS3413-ALSTT Datasheet HTML 4Page - SEC Electronics Inc. SS3413-ALSTT Datasheet HTML 5Page - SEC Electronics Inc. SS3413-ALSTT Datasheet HTML 6Page - SEC Electronics Inc. SS3413-ALSTT Datasheet HTML 7Page - SEC Electronics Inc. SS3413-ALSTT Datasheet HTML 8Page - SEC Electronics Inc. SS3413-ALSTT Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SS3413-A
CMOS Omnipolar High Sensitivity Micropower Hall Switch
1
V3.10 Nov 1, 2013
Features
−
Micropower consumption for battery powered applications
−
Omnipolar, output switches with absolute value of North or South pole from magnet
−
Operation down to 1.6V
−
High sensitivity for direct reed switch replacement applications
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
General Description
The SS3413-A Omnipolar Hall effect sensor IC is
fabricated from mixed signal CMOS technology .It
incorporates advanced chopper-stabilization tech-
niques to provide accurate and stable magnetic switch
points.
The circuit design provides an internally controlled
clocking mechanism to cycle power to the Hall ele-
ment and analog signal processing circuits. This
serves to place the high current-consuming portions
of the circuit into a “Sleep” mode. Periodically the
device is “Awakened” by this internal logic and the
magnetic flux from the Hall element is evaluated
against the predefined thresholds. If the flux density
is above or below the Bop/Brp thresholds then the
output transistor is driven to change states according-
ly. While in the “Sleep” cycle the output transistor is
latched in its previous state. The design has been op-
timized for service in applications requiring extended
operating lifetime in battery powered systems.
The output transistor of the SS3413-A will be latched
on (Bop) in the presence of a sufficiently strong
South or North magnetic field facing the marked side
of the package. The output will be latched off (Brp) in
the absence of a magnetic field.
Applications
−
Solid state switch
−
Handheld Wireless Handset Awake Switch
−
Lid close sensor for battery powered devices
−
Magnet proximity sensor for reed switch replacement in low duty cycle applications


Similar Part No. - SS3413-ALSTT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS3413 SECELECTRONICS-SS3413 Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413ESOT SECELECTRONICS-SS3413ESOT Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413ESTT SECELECTRONICS-SS3413ESTT Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413EUA SECELECTRONICS-SS3413EUA Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413KSOT SECELECTRONICS-SS3413KSOT Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

Similar Description - SS3413-ALSTT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913 SECELECTRONICS-SS4913 Datasheet
225Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259 SECELECTRONICS-SS259 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS648 SECELECTRONICS-SS648 Datasheet
334Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com