Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3016SSSA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMS3016SSSA
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3016SSSA Datasheet(HTML) 1 Page - Diodes Incorporated

  DMS3016SSSA Datasheet HTML 1Page - Diodes Incorporated DMS3016SSSA Datasheet HTML 2Page - Diodes Incorporated DMS3016SSSA Datasheet HTML 3Page - Diodes Incorporated DMS3016SSSA Datasheet HTML 4Page - Diodes Incorporated DMS3016SSSA Datasheet HTML 5Page - Diodes Incorporated DMS3016SSSA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMS3016SSSA
Document number: DS35073 Rev. 1 - 2
1 of 6
www.diodes.com
October 2010
© Diodes Incorporated
DMS3016SSSA
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Features
•
DIOFET utilizes a unique patented process to monolithically
integrate a MOSFET and a Schottky in a single die to deliver:
•
Low RDS(ON) - minimizes conduction losses
•
Ultra Low VSD – enhanced to reduce losses due to body
diode conduction
•
Low Qrr - lower Qrr of the integrated Schottky reduces body
diode switching losses
•
Low gate capacitance (Qg/Qgs) ratio – reduces risk of shoot-
through or cross conduction currents at high frequencies
•
Avalanche rugged – IAR and EAR rated
•
Lead Free, RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram Below
•
Weight: 0.072 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DMS3016SSSA-13
SO-8
2500 / Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Top View
Internal Schematic
S
D
D
G
D
D
S
S
Logo
Part no.
Year: “09” = 2009
Xth week: 01 ~ 53
1
4
8
5
S3016SA
YY WW
Year: “10” = 2010


Similar Part No. - DMS3016SSSA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS3016SSSA DIODES-DMS3016SSSA_15 Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Rev 1
More results

Similar Description - DMS3016SSSA

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com