Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PML Datasheet(PDF) 3 Page - DDK Ltd.

Part # PML
Description  Floating Coaxial Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PML Datasheet(HTML) 3 Page - DDK Ltd.

  PML Datasheet HTML 1Page - DDK Ltd. PML Datasheet HTML 2Page - DDK Ltd. PML Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit:mm
http://www.ddknet.co.jp
PML Series
3
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Panel Mounting Jack Connector
8.5
9.7
(18.7)
2.1
PML Jack Interface
DDK Mark
2-φ2.6 0.1
16.6
1.7
8
(24.6)
8.5
DDK Mark
PML Jack Interface
9.7
2-φ2.6 0.1
1.7
16.6
○Receptacle Connector
Mating Connector: PML Plug Type
Applicable Cable : UT-085    
    : FCCAVG1(Nissei) or Equivalent
Mating Connector : PML Plug Type
Applicable Cable : 1.5D-HQEW or
Equivalent 
Mating Connector: PML Plug Type
4
1.7
8.5
13.2
□14.7
2.3
(19.5)
+0.2
0
91096
PML-SR
定格電圧
適合コネクタ
500V(交流実効値)
公称インピーダンス
規 格 値
測定電流:10mA
開放電圧:20mV
10mΩ以下/
絶縁抵抗
耐電圧
接触抵抗
500V(直流)にて1000MΩ以上
図示の通り
1000V(交流実効値),1分間
項目
構造寸法
PML形プラグ
50Ω
定 格
必 要 性 能
注1.本コネクタを使用する際、取付けピッチ公差は0.5mm以下とする。
   (嵌合相手側の位置ずれ条件:0mm)
B
4-φ2.8
9.6 0.1
PML Jack Interface
DDK Mark
PML-SR
PML-PJ2-1.5DHW-CR1-CF
PML-PJ2-85-SO-CF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com