Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSH Datasheet(PDF) 4 Page - DDK Ltd.

Part # PSH
Description  Compact Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSH Datasheet(HTML) 4 Page - DDK Ltd.

  PSH Datasheet HTML 1Page - DDK Ltd. PSH Datasheet HTML 2Page - DDK Ltd. PSH Datasheet HTML 3Page - DDK Ltd. PSH Datasheet HTML 4Page - DDK Ltd. PSH Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PSH Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Unit:mm
Cable Length:L
Tolerance
25≦L≦200
±3
200 < L ≦ 500
±5
500 < L ≦ 1000
±10
1000 < L
±1.5%
○ Harness
80-076-XXXX-XXXX-X-X
Cable Color(FEP)
Length:mm(4 fig.)
1:Black, 3:Gray,
Connectors Angle(Refer to Table 2)
4
L
ケーブル長L
標準公差
25≦L≦200
±3
200<L≦500
±5
500<L≦1000
±10
1000<L
±1.5%
Connector Angle 1
Connector Angle 2
Connector Angle 3
Connector Angle 4
表1.コネクタ角度表
表2.ケーブル長公差表
新
L
ケーブル長L
標準公差
25≦L≦200
±3
200<L≦500
±5
500<L≦1000
±10
1000<L
±1.5%
Connector Angle 1
Connector Angle 2
Connector Angle 3
Connector Angle 4
表1.コネクタ角度表
表2.ケーブル長公差表
新
Table 2. Connector Angle
Table 3. Cable Length
200mm : 0200
No.
Cable
O.D.
Outer conductor
Plating
0001
φ 1.13
Au Plating
0003
φ 0.81
Au Plating
0005
φ 1.32
Au Plating
0007
φ 1.37
Au Plating
Cable / Plating
(Refer to Table.1)
Table 1. Cable / Plating
Basic No.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com