Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSMB75 Datasheet(PDF) 1 Page - DDK Ltd.

Part # SSMB75
Description  75 廓 SSMB Type Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SSMB75 Datasheet(HTML) 1 Page - DDK Ltd.

  SSMB75 Datasheet HTML 1Page - DDK Ltd. SSMB75 Datasheet HTML 2Page - DDK Ltd. SSMB75 Datasheet HTML 3Page - DDK Ltd. SSMB75 Datasheet HTML 4Page - DDK Ltd. SSMB75 Datasheet HTML 5Page - DDK Ltd. SSMB75 Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
■ SSMB75 series are connectors for 75 Ω
group of SSMB series (50 Ω group).
■ DDK’s originally developed 75 Ω group
connectors are super mini size push on type.
■ Strong against distortion by application of closed
entry structure.
■ Right Angle type Receptacle (PCB) has from 1 to 5 continuous type.
■ SSMB series are not compatible with.
SSMB75 Series
75 Ω SSMB Type Connectors
RoHS
Compliant
RoHS
Compliant
Item
Material / Finish
Shell (Body)
Copper Alloy /Gold plating
Contact (Male)
Copper Alloy /Gold plating
Contact (Female)
Copper Alloy /Gold plating
Insulator
PTFE
121226
Frequency
Range
DC to 1GHz
Characteristic
Impedance
75 Ω
Lock Type
Push On
FEATURE
SPECIFICATIONS
MATERIAL/FINISH
* The specifications are typical but may not apply to all connectors. Please check  
the specifications on each item with its drawing from us when you use.
Characteristic Impedance
 75 Ω
Rated Voltage
250VAC(r.m.s.) 
Dielectric Withstanding Voltage  500V AC(r.m.s.)for1 minute
Insulation Resistance
 1000M Ω Mim. at 500V DC
Contact Resistance
 10m Ω max.
V.S.W.R.
 1.3max. at DC to1GHz
Operating Temperature
-55 〜 +85℃
Widely used for test instruments, broadcasting
equipment, CATV and HDTV etc.
APPLICATIONS


Similar Part No. - SSMB75

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
SSMB75-LP-1.5CW-CR1-CF DDK-SSMB75-LP-1.5CW-CR1-CF Datasheet
735Kb / 6P
75 廓 SSMB Type Connectors
SSMB75-LR-PC DDK-SSMB75-LR-PC Datasheet
190Kb / 3P
75 SSMB Type Connectors
SSMB75-LR-PC-2 DDK-SSMB75-LR-PC-2 Datasheet
190Kb / 3P
75 SSMB Type Connectors
SSMB75-LR-PC-2-CF DDK-SSMB75-LR-PC-2-CF Datasheet
735Kb / 6P
75 廓 SSMB Type Connectors
SSMB75-LR-PC-3 DDK-SSMB75-LR-PC-3 Datasheet
190Kb / 3P
75 SSMB Type Connectors
More results

Similar Description - SSMB75

ManufacturerPart #DatasheetDescription
logo
ITT Industries
AI-128 ITT-AI-128 Datasheet
94Kb / 1P
SSMB/SSMC Straight Connectors, Crimp Type for Braided Cable
AI-129 ITT-AI-129 Datasheet
114Kb / 1P
SSMB/SSMC Right Angle Connectors, Crimp Type for Braided Cable
logo
Anaren Microwave
0922B75-37A ANAREN-0922B75-37A Datasheet
729Kb / 4P
Xinger Balun 75廓 to 75廓 Balanced
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
75廓 SMB Type Connectors
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
75廓 BNC Type Connectors
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
50 廓 & 75 廓 RF Bridges
logo
DDK Ltd.
SSMB75-LR-PC DDK-SSMB75-LR-PC Datasheet
190Kb / 3P
75 SSMB Type Connectors
SSMB-SP-0.8DV-CR DDK-SSMB-SP-0.8DV-CR Datasheet
222Kb / 2P
SSMB Type Connectors
logo
Pomona Electronics
6752A POMONA-6752A Datasheet
234Kb / 2P
BNC (M) Crimp Type, 75 廓
logo
DDK Ltd.
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
75 廓 SSMB Type Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com