Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4670ITL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM4670ITL/NOPB
Description  LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4670ITL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4670ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4670ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4670ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4670ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4670ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4670ITL/NOPB Datasheet HTML 9Page - Texas Instruments LM4670ITL/NOPB Datasheet HTML 10Page - Texas Instruments LM4670ITL/NOPB Datasheet HTML 11Page - Texas Instruments LM4670ITL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LM4670
SNAS240C – DECEMBER 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
(1) (continued)
Output Power vs Supply Voltage
Output Power vs Supply Voltage
RL = 15µH + 4Ω + 15µH, f = 1kHz, 22kHz BW
RL = 15µH + 8Ω + 15µH, f = 1kHz, 22kHz BW
Figure 16.
Figure 17.
Supply Current (RMS) vs Output Power
Supply Current (RMS) vs Output Power
RL = 15µH + 4Ω + 15µH, f = 1kHz
RL = 15µH + 8Ω + 15µH, f = 1kHz
Figure 18.
Figure 19.
Shutdown Threshold
Shutdwon Threshold vs Supply Voltage
RL = 15µH + 8Ω + 15µH
RL = 15µH + 8Ω + 15µH
Figure 20.
Figure 21.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com