Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4782TA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM4782TA/NOPB
Description  Audio Power Amplifier Series
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4782TA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4782TA/NOPB Datasheet HTML 17Page - Texas Instruments LM4782TA/NOPB Datasheet HTML 18Page - Texas Instruments LM4782TA/NOPB Datasheet HTML 19Page - Texas Instruments LM4782TA/NOPB Datasheet HTML 20Page - Texas Instruments LM4782TA/NOPB Datasheet HTML 21Page - Texas Instruments LM4782TA/NOPB Datasheet HTML 22Page - Texas Instruments LM4782TA/NOPB Datasheet HTML 23Page - Texas Instruments LM4782TA/NOPB Datasheet HTML 24Page - Texas Instruments LM4782TA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LM4782, LM4782TABD
www.ti.com
SNAS231B – FEBRUARY 2004 – REVISED MARCH 2013
CLICKS AND POPS
In the typical application of the LM4782 as a split-supply audio power amplifier, the IC exhibits excellent “click”
and “pop” performance when utilizing the mute and standby modes. In addition, the device employs Under-
Voltage Protection, which eliminates unwanted power-up and power-down transients. The basis for these
functions are a stable and constant half-supply potential. In a split-supply application, ground is the stable half-
supply potential. But in a single-supply application, the half-supply needs to charge up at the same rate as the
supply rail, VCC. This makes the task of attaining a clickless and popless turn-on more challenging. Any uneven
charging of the amplifier inputs will result in output clicks and pops due to the differential input topology of the
LM4782.
To achieve a transient free power-up and power-down, the voltage seen at the input terminals should be ideally
the same. Such a signal will be common-mode in nature, and will be rejected by the LM4782. In Figure 5, the
resistor RINP serves to keep the inputs at the same potential by limiting the voltage difference possible between
the two nodes. This should significantly reduce any type of turn-on pop, due to an uneven charging of the
amplifier inputs. This charging is based on a specific application loading and thus, the system designer may need
to adjust these values for optimal performance.
As shown in Figure 5, the resistors labeled RBI help bias up the LM4782 off the half-supply node at the emitter of
the 2N3904. But due to the input and output coupling capacitors in the circuit, along with the negative feedback,
there are two different values of RBI, namely 10kΩ and 200kΩ. These resistors bring up the inputs at the same
rate resulting in a popless turn-on. Adjusting these resistors values slightly may reduce pops resulting from
power supplies that ramp extremely quick or exhibit overshoot during system turn-on.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components is required to meet the design targets of an application. The choice of
external component values that will affect gain and low frequency response are discussed below.
The gain of each amplifier is set by resistors Rf and Ri for the non-inverting configuration shown in Figure 1. The
gain is found by Equation 5 below:
AV = 1 + Rf / Ri (V/V)
(5)
For best noise performance, lower values of resistors are used. A value of 1k
Ω is commonly used for Ri and then
setting the value of Rf for the desired gain. For the LM4782 the gain should be set no lower than 10V/V and no
higher than 50V/V. Gain settings below 10V/V may experience instability and using the LM4782 for gains higher
than 50V/V will see an increase in noise and THD.
The combination of Ri with Ci (see Figure 1) creates a high pass filter. The low frequency response is determined
by these two components. The -3dB point can be found from Equation 6 shown below:
fi = 1 / (2πRiCi) (Hz)
(6)
If an input coupling capacitor is used to block DC from the inputs as shown in Figure 6, there will be another high
pass filter created with the combination of CIN and RIN. When using a input coupling capacitor RIN is needed to
set the DC bias point on the amplifier's input terminal. The resulting -3dB frequency response due to the
combination of CIN and RIN can be found from Equation 7 shown below:
fIN = 1 / (2πRINCIN) (Hz)
(7)
With large values of RIN oscillations may be observed on the outputs when the inputs are left floating. Decreasing
the value of RIN or not letting the inputs float will remove the oscillations. If the value of RIN is decreased then the
value of CIN will need to increase in order to maintain the same -3dB frequency response.
HIGH PERFORMANCE CONSIDERATIONS
Using low cost electrolytic capacitors in the signal path such as CIN and Ci (see Figure 1, Figure 3, Figure 4,
Figure 5, and Figure 6) will result in very good performance. However, electrolytic capacitors are less linear than
other premium capacitors. Higher THD+N performance may be obtained by using high quality polypropylene
capacitors in the signal path. A more cost effective solution may be the use of smaller value premium capacitors
in parallel with the larger electrolytic capacitors. This will maintain signal quality in the upper audio band where
any degradation is most noticeable while also coupling in the signals in the lower audio band for good bass
response.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4782 LM4782TABD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com