Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48557TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM48557TL/NOPB
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48557TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48557TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LM48557
www.ti.com
SNAS486D – JULY 2009 – REVISED MAY 2013
VOLUME CONTROL
The LM48557 has a 64 step volume control, but only 36 steps are recommended for use. Use steps 1 through
32 and steps 61 through 64 to set the gain of the device. Accessing steps 33 through 60 results in the repeated
gain conditions shown in Table 7. Steps 33 through 60 are not tested and should not be used.
SHUTDOWN FUNCTION
The LM48557 features a low-power shutdown mode that disables the device lowers the quiescent current to
0.01µA. Set bit B0 (SHDN) of the Mode Control register to 0 to disable the amplifier and charge pump. Set
SHDN to 1 for normal operation. Shutdown mode does not clear the I2C register. When re-enabled, the device
returns to its previous volume setting. To clear the I2C register, either remove power from the device, or toggle
RESET (see RESET section).
RESET
The LM48557 features an active low reset input. Driving RESET low clears the I2C register. Volume control is set
to 000000 (-90dB) and SHDN is set to 0, disabling the device. While RESET is low, the LM48557 ignores any
I2C data. After the device is reset, and RESET is driven high, the LM48557 remains in shutdown mode with the
volume set to -90dB. Re-enable the device by writing to the I2C register.
MUTE
The LM48557 features a mute mode. Set bit B1 (MUTE) of the Mode Control register to 1 to mute the device. In
mute mode, the gain is set to -90dB, equivalent to the volume step 1. Set MUTE = 0 to unmute the device. Once
unmuted, the device returns to its previous volume step.
TEST MODE
If enabled, TESTMODE does not affect device performance under normal operating conditions. Operating above
the recommended supply voltage range with TESTMODE enabled can result in damage to the device.
PROPER SELECTION OF EXTERNAL COMPONENTS
Power Supply Bypassing/Filtering
Proper power supply bypassing is critical for low noise performance and high PSRR. Place the supply bypass
capacitors as close to the device as possible. Place a 1µF ceramic capacitor from VDD to GND. Additional bulk
capacitance may be added as required.
Charge Pump Capacitor Selection
Use low ESR ceramic capacitors (less than 100m
Ω) for optimum performance.
Charge Pump Flying Capacitor (C1)
The flying capacitor (C1) affects the load regulation and output impedance of the charge pump. A C1 value that
is too low results in a loss of current drive, leading to a loss of amplifier headroom. A higher valued C1 improves
load regulation and lowers charge pump output impedance to an extent. Above 2.2µF, the RDS(ON) of the charge
pump switches and the ESR of C1 and C2 dominate the output impedance. A lower value capacitor can be used
in systems where low maximum output power requirements.
Charge Pump Hold Capacitor (C2)
The value and ESR of the hold capacitor (C2) directly affects the ripple on CPVSS. Increasing the value of C2
reduces output ripple. Decreasing the ESR of C2 reduces both output ripple and charge pump output impedance.
A lower value capacitor can be used in systems where low maximum output power requirements.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com