Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48580TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM48580TL/NOPB
Description  Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48580TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48580TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48580TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
0
5
10
15
20
25
30
35
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
30
35
OUTPUT VOLTAGE (VP-P)
f = 2 kHz
f = 200 Hz
0
500
1000
1500
2000
2500
0
5
10
15
20
25
30
35
OUTPUT VOLTAGE (VP-P)
f = 2 kHz
f = 200 Hz
LM48580
SNAS491A – FEBRUARY 2010 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Power Consumption vs Output Voltage
Power Consumption vs Output Voltage
VDD = 3.6V, RL = 6μF + 10Ω
VDD = 4.2V, RL = 6μF + 10Ω
Figure 12.
Figure 13.
PSRR vs Frequency
Output Voltage vs Supply Voltage
VDD = 3.6V, VRIPPLE = 200mVP-P
RL = 6μF + 10Ω, f = 200Hz
RL = 6μF + 10Ω, f = 200Hz
Figure 14.
Figure 15.
CMRR vs Frequency
VDD = 3.6V, VCM = 1VP-P
RL = 6μF + 10Ω
Figure 16.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM48580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com