Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4752TS/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4752TS/NOPB
Description  LM4752 Stereo 11W Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4752TS/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4752TS/NOPB Datasheet HTML 1Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 2Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 3Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 4Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 5Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 6Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 7Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 8Page - Texas Instruments LM4752TS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM4752
SNAS006E – FEBRUARY 1999 – REVISED APRIL 2013
www.ti.com
OPERATING RATINGS
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage
9V to 32V
θJC
2°C/W
θJA
79°C/W
ELECTRICAL CHARACTERISTICS
The following specifications apply to each channel with VCC = 24V, TA = 25°C unless otherwise specified.
LM4752
Units
Symbol
Parameter
Conditions
(Limits)
Typical(1)
Limit(2)
Itotal
Total Quiescent Power Supply Current
VINAC = 0V, Vo = 0V, RL = ∞
10.5
20
mA(max)
7
mA(min)
Po
Output Power (Continuous
f = 1 kHz, THD+N = 10%, RL = 8Ω
7
W
Average per Channel)
f = 1 kHz, THD+N = 10%, RL = 4Ω
10
W(min)
VCC = 20V, RL = 8Ω
4
W
VCC = 20V, R L = 4Ω
7
W
f = 1 kHz, THD+N = 10%, RL = 4Ω
2.5
W
VS = 12V, DDPAK Pkg.
THD+N
Total Harmonic Distortion plus Noise
f = 1 kHz, Po = 1 W/ch, RL = 8Ω
0.08
%
VOSW
Output Swing
RL = 8Ω, V CC = 20V
15
V
RL = 4Ω, V CC = 20V
14
V
Xtalk
Channel Separation
See Figure 1
55
dB
f = 1 kHz, Vo = 4 Vrms, RL = 8Ω
PSRR
Power Supply Rejection Ratio
See Figure 1
50
dB
VCC = 22V to 26V, R L = 8Ω
VODV
Differential DC Output Offset Voltage
VINAC = 0V
0.09
0.4
V(max)
SR
Slew Rate
2
V/µs
RIN
Input Impedance
83
k
Ω
PBW
Power Bandwidth
3 dB BW at Po = 2.5W, RL = 8Ω
65
kHz
A VCL
Closed Loop Gain (Internally Set)
RL = 8Ω
34
33
dB(min)
35
dB(max)
ein
Noise
IHF-A Weighting Filter, RL = 8Ω
0.2
mVrms
Output Referred
Io
Output Short Circuit Current Limit
VIN = 0.5V, R L = 2Ω
2
A(min)
(1)
Typicals are measured at 25°C and represent the parametric norm.
(2)
Limits ensure that all parts tested in production meet the stated values.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com