Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8570AN Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8570AN
Description  Timer Clock Peripheral (TCP)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8570AN Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP8570AN Datasheet HTML 2Page - National Semiconductor (TI) DP8570AN Datasheet HTML 3Page - National Semiconductor (TI) DP8570AN Datasheet HTML 4Page - National Semiconductor (TI) DP8570AN Datasheet HTML 5Page - National Semiconductor (TI) DP8570AN Datasheet HTML 6Page - National Semiconductor (TI) DP8570AN Datasheet HTML 7Page - National Semiconductor (TI) DP8570AN Datasheet HTML 8Page - National Semiconductor (TI) DP8570AN Datasheet HTML 9Page - National Semiconductor (TI) DP8570AN Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Functional Description
The DP8570A contains a fast access real time clock two 10
MHz 16-bit timers interrupt control logic power fail detect
logic and CMOS RAM All functions of the TCP are con-
trolled by a set of nine registers A simplified block diagram
that shows the major functional blocks is given in
Figure 1
The blocks are described in the following sections
1 Real Time Clock
2 Oscillator Prescaler
3 Interrupt Logic
4 Power Failure Logic
5 Additional Supply Management
6 Timers
The memory map of the TCP is shown in the memory ad-
dressing table The memory map consists of two 31 byte
pages with a main status register that is common to both
pages A control bit in the Main Status Register is used to
select either page
Figure 2 shows the basic concept
Page 0 contains all the clock timer functions while page 1
has scratch pad RAM The control registers are split into
two separate blocks to allow page 1 to be used entirely as
scratch pad RAM Again a control bit in the Main Status
Register is used to select either control register block
TLF8638 – 4
FIGURE 2 DP8570A Internal Memory Map
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com