Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G32DCUT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G32DCUT
Description  DUAL 2 INPUT POSITIVE-OR GATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G32DCUT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G32DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74LVC2G32
DUAL 2INPUT POSITIVEOR GATE
SCES201J − APRIL 1999 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D Supports 5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 3.8 ns at 3.3 V
D Low Power Consumption, 10-µA Max ICC
D ±24-mA Output Drive at 3.3 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This dual 2-input positive-OR gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G32 performs the Boolean function Y
+ A ) Bor Y + A • B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
NanoStar
 − WCSP (DSBGA)
0.17-mm Small Bump − YEA
SN74LVC2G32YEAR
NanoFree
 − WCSP (DSBGA)
0.17-mm Small Bump − YZA (Pb-free)
Reel of 3000
SN74LVC2G32YZAR
_ _ _CG_
−40
°C to 85°C
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Reel of 3000
SN74LVC2G32YEPR
_ _ _CG_
−40
°C to 85°C
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
SN74LVC2G32YZPR
SSOP − DCT
Reel of 3000
SN74LVC2G32DCTR
C32_ _ _
VSSOP − DCU
Reel of 3000
SN74LVC2G32DCUR
C32_
VSSOP − DCU
Reel of 250
SN74LVC2G32DCUT
C32_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code,
and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition
(1 = SnPb,
• = Pb-free).
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DCT OR DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1A
1B
2Y
GND
VCC
1Y
2B
2A
4
3
2
1
5
6
7
8
GND
2Y
1B
1A
2A
2B
1Y
VCC
YEA, YEP, YZA OR YZP PACKAGE
(BOTTOM VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
NanoStar and NanoFree are trademarks of Texas Instruments.


Similar Part No. - SN74LVC2G32DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G32DCUT TI1-SN74LVC2G32DCUT Datasheet
914Kb / 22P
Dual 2-Input Positive-OR Gate
SN74LVC2G32DCUT TI2-SN74LVC2G32DCUT Datasheet
719Kb / 26P
SN74LVC2G32 Dual 2-Input Positive-OR Gate
REVISED SEPTEMBER 2015
SN74LVC2G32DCUT.B TI2-SN74LVC2G32DCUT.B Datasheet
719Kb / 26P
SN74LVC2G32 Dual 2-Input Positive-OR Gate
REVISED SEPTEMBER 2015
SN74LVC2G32DCUTG4.B TI2-SN74LVC2G32DCUTG4.B Datasheet
719Kb / 26P
SN74LVC2G32 Dual 2-Input Positive-OR Gate
REVISED SEPTEMBER 2015
More results

Similar Description - SN74LVC2G32DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G32 TI-SN74AUC2G32 Datasheet
233Kb / 10P
DUAL 2 INPUT POSITIVE OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUC2G32 TI-SN74AUC2G32_09 Datasheet
529Kb / 13P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32 Datasheet
158Kb / 6P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74LVC2G32-EP TI1-SN74LVC2G32-EP Datasheet
420Kb / 11P
DUAL 2-INPUT POSITIVE-OR GATE
SN74AUC2G32YZTR TI-SN74AUC2G32YZTR Datasheet
823Kb / 15P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32_15 Datasheet
158Kb / 6P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74LVC2G32 TI1-SN74LVC2G32_15 Datasheet
914Kb / 22P
Dual 2-Input Positive-OR Gate
SN74AHC2G32 TI1-SN74AHC2G32 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com