Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2501 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2501 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK2501 Datasheet HTML 9Page - Texas Instruments TLK2501 Datasheet HTML 10Page - Texas Instruments TLK2501 Datasheet HTML 11Page - Texas Instruments TLK2501 Datasheet HTML 12Page - Texas Instruments TLK2501 Datasheet HTML 13Page - Texas Instruments TLK2501 Datasheet HTML 14Page - Texas Instruments TLK2501 Datasheet HTML 15Page - Texas Instruments TLK2501 Datasheet HTML 16Page - Texas Instruments TLK2501 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
synchronization and initialization (continued)
ACQ
RX_DV
RXD(0−15)
SYNC
DINRXP,
D0−D15
DINRXN
D0−D15
Valid Data or
Error Prop
XXXXXXXXXXXXXXXXXXX
RESET
(Internal Signal)
IDLE
D0−D15
D0−D15
Valid Data or
Error Prop
RX_ER
Figure 9. Receive Side Timing Diagram (Valid Data or Error Propagation)
redundant port operation
The TLK2501 allows users to design a redundant port by connecting receive data bus terminals from two
TLK2501 devices together. Asserting the LCKREFN to a low state causes the receive data bus terminals, the
RXD[0:15], RX_CLK and RX_ER, and RX_DV/LOS to go to a high-impedance state.
PRBS verification
The TLK2501 also has a built-in BERT function in the receiver side that is enabled by the PRBSEN. It can check
for errors and report the errors by forcing the RX_ER/PRBSPASS terminal low.
reference clock input
The reference clock (GTX_CLK) is an external input clock that synchronizes the transmitter interface. The
reference clock is then multiplied in frequency 10 times to produce the internal serialization bit clock. The internal
serialization bit clock is frequency-locked to the reference clock and used to clock out the serial transmit data
on both its rising and falling edges, providing a serial data rate that is 20 times the reference clock.
operating frequency range
The TLK2501 is optimized for operation at a serial data rate of 2.5 Gbps. The TLK2501 may operate at a serial
data rate between 1.5 Gbps to 2.5 Gbps. The GTX_CLK must be within
±100 PPM of the desired parallel data
rate clock.
testability
The TLK2501 has a comprehensive suite of built-in self-tests. The loopback function provides for at-speed
testing of the transmit/receive portions of the circuitry. The enable terminal allows for all circuitry to be disabled
so that a quiescent current test can be performed. The PRBS function allows for a BIST (built-in self-test).
loopback testing
The transceiver can provide a self-test function by enabling (LOOPEN) the internal loopback path. Enabling this
terminal causes serial-transmitted data to be routed internally to the receiver. The parallel data output can be
compared to the parallel input data for functional verification. (The external differential output is held in a
high-impedance state during the loopback testing.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com