Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM641 Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 159 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 155Page - Texas Instruments TMS320DM641 Datasheet HTML 156Page - Texas Instruments TMS320DM641 Datasheet HTML 157Page - Texas Instruments TMS320DM641 Datasheet HTML 158Page - Texas Instruments TMS320DM641 Datasheet HTML 159Page - Texas Instruments TMS320DM641 Datasheet HTML 160Page - Texas Instruments TMS320DM641 Datasheet HTML 161Page - Texas Instruments TMS320DM641 Datasheet HTML 162Page - Texas Instruments TMS320DM641 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 171 page
background image
Ethernet Media Access Controller (EMAC)
159
June 2003 − Revised August 2004
SPRS222C
Table 4−66. EWRAP Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 3000
EWTRCTRL
TR control
01C8 3004
EWCTL
Interrupt control register
01C8 3008
EWINTTCNT
Interrupt timer count
01C8 300C − 01C8 37FF
−
Reserved
4.15.3
EMAC Electrical Data/Timing
Table 4−67. Timing Requirements for MRCLK (see Figure 4−54)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tc(MRCLK)
Cycle time, MRCLK
40
ns
2
tw(MRCLKH) Pulse duration, MRCLK high
14
ns
3
tw(MRCLKL) Pulse duration, MRCLK low
14
ns
MRCLK
2
3
1
Figure 4−54. MRCLK Timing (EMAC − Receive)
Table 4−68. Timing Requirements for MTCLK (see Figure 4−54)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tc(MTCLK)
Cycle time, MTCLK
40
ns
2
tw(MTCLKH) Pulse duration, MTCLK high
14
ns
3
tw(MTCLKL) Pulse duration, MTCLK low
14
ns
MTCLK
2
3
1
Figure 4−55. MTCLK Timing (EMAC − Transmit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com