Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM641 Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 162 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 158Page - Texas Instruments TMS320DM641 Datasheet HTML 159Page - Texas Instruments TMS320DM641 Datasheet HTML 160Page - Texas Instruments TMS320DM641 Datasheet HTML 161Page - Texas Instruments TMS320DM641 Datasheet HTML 162Page - Texas Instruments TMS320DM641 Datasheet HTML 163Page - Texas Instruments TMS320DM641 Datasheet HTML 164Page - Texas Instruments TMS320DM641 Datasheet HTML 165Page - Texas Instruments TMS320DM641 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 171 page
background image
Management Data Input/Output (MDIO)
162
June 2003 − Revised August 2004
SPRS222C
4.16.3
Management Data Input/Output (MDIO) Electrical Data/Timing
Table 4−72. Timing Requirements for MDIO Input (see Figure 4−58 and Figure 4−59)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tc(MDCLK)
Cycle time, MDCLK
400
ns
2
tw(MDCLK)
Pulse duration, MDCLK high/low
180
ns
3
tsu(MDIO-MDCLKH) Setup time, MDIO data input valid before MDCLK high
10
ns
4
th(MDCLKH-MDIO) Hold time, MDIO data input valid after MDCLK high
0
ns
1
3
4
MDCLK
MDIO
(input)
Figure 4−58. MDIO Input Timing
Table 4−73. Switching Characteristics Over Recommended Operating Conditions for MDIO Output
(see Figure 4−59)
NO.
−400
−500
−600
UNIT
MIN
MAX
7
td(MDCLKL-MDIO)
Delay time, MDCLK low to MDIO data output valid
−10
100
ns
1
7
MDCLK
MDIO
(output)
Figure 4−59. MDIO Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com