Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMSS Datasheet(PDF) 2 Page - Samtec, Inc

Part # QMSS
Description  QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QMSS Datasheet(HTML) 2 Page - Samtec, Inc

  QMSS Datasheet HTML 1Page - Samtec, Inc QMSS Datasheet HTML 2Page - Samtec, Inc QMSS Datasheet HTML 3Page - Samtec, Inc QMSS Datasheet HTML 4Page - Samtec, Inc QMSS Datasheet HTML 5Page - Samtec, Inc QMSS Datasheet HTML 6Page - Samtec, Inc QMSS Datasheet HTML 7Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
Series:
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
© 2004 Samtec, Inc.
Reviewed by:
JET
Revision: B
Specification:
PSQ-005
Approved by:
JT
Date:2/16/2011
Checked by:
JE
Page 2
5.0 ENVIRONMENTAL
5.1 Thermal Aging per EIA-364-17
5.1.1
No Evidence of Physical Damage seen --- PASS
5.1.2
Change in Contact LLCR did not exceed +15.0 milli-Ohms
(L- plating) --- PASS
5.1.3
Test Conditions
5.1.3.1 105 degrees C
5.1.3.2 250 hours
5.2 Cyclic Humidity per EIA-364-31
5.2.1
No Evidence of Physical Damage seen --- PASS
5.2.2
Insulation Resistance > 5000 Meg Ohms --- PASS
5.2.3
No evidence of Breakdown or Arcing when applying 750 VAC
--- PASS
5.2.4
Change in LLCR not to exceed +15.0 milli-Ohms (L- plating) --- PASS
5.2.5
Test Conditions
5.2.5.1 Cyclic 25 degrees C to 65 degrees C for 240 hours,
at 90% to 95% RH
5.2.5.2 Time Condition "B" (240 hours) for Method III,
excluding sub-cycle 7A and 7B
5.3 Thermal Shock per EIA-364-32
5.3.1
No Evidence of Physical Damage seen --- PASS
5.3.2
Change in Signal LLCR did not exceed +15 mOhm --- PASS
5.3.3
No evidence of Breakdown or Arcing when applying 700 VAC
5.3.4
Insulation Resistance > 5000 Meg Ohms --- PASS
5.3.5
Test Conditions
5.3.5.1 # Thermal Cycles: 100
5.3.5.2 Hot Temp: 85 degrees C +3 degrees C/-0 degrees C
5.3.5.3 Cold Temp: -55 degrees C +0 degrees C/-3 degrees C
5.3.5.4 Dwell/Configuration: 30 Minutes, Mated and Mounted
5.3.5.5 Hot/Cold Transition: Instantaneous
5.4 Mechanical Shock per EIA-364-27
5.4.1
Change in Signal LLCR did not exceed +15 mOhm --- PASS
5.4.2
Test Conditions
5.4.2.1 Peak Value: 100 G
5.4.2.2 Duration: 6 milliSec
5.4.2.3 Waveform: Sawtooth
5.4.2.4 Velocity: 11.3 FPS
5.4.2.5 # Shocks/Direction: 3 Shocks/3 Axes (18 total)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com