Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP206 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP206
Description  5V RS-232 Serial Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP206 Datasheet(HTML) 2 Page - Exar Corporation

  SP206 Datasheet HTML 1Page - Exar Corporation SP206 Datasheet HTML 2Page - Exar Corporation SP206 Datasheet HTML 3Page - Exar Corporation SP206 Datasheet HTML 4Page - Exar Corporation SP206 Datasheet HTML 5Page - Exar Corporation SP206 Datasheet HTML 6Page - Exar Corporation SP206 Datasheet HTML 7Page - Exar Corporation SP206 Datasheet HTML 8Page - Exar Corporation SP206 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP206, 207, 208, 2_0_060
2
AbSOlUTE MAxIMUM RATINgS
These are stress ratings only and functional opera-
tion of the device at these ratings or any other above
those indicated in the operation sections of the speci-
fications below are not implied. Exposure to absolute
maximum ratings conditions for extended periods of
time may affect reliability.
Supply Voltage (VCC)....................................................+ 6V
V+........................................................................... (Vcc-0.3V) to +3.2V
V- .............................................................................-3.2V
Input Voltages
Tin.....................................................-0.3V to (Vcc + 0.3V)
Rin............................................................................+/-20V
Output Voltages
Tout...............................................(V+, +0.3V) to (V-, -0.3V
Rout...................................................-0.3V to (Vcc + 0.3V)
Short Circuit duration on Tout...........................Continuous
Vcc = 5V, C to C4 = 0.μF, Tmin to Tmax, unless otherwise noted.
Package Power Dissipation:
24-pin SSOP
(derate .2mW/°C above +70°C..............900mW
24-pin WSOIC
(derate 2.5mW/°C above +70°C............000mW
28-pin SSOP
(derate .2mW/°C above +70°C..............900mW
28-pin WSOIC
(derate 2.7mW/°C above +70°C............000mW
Storage Temperature..................-65°C to +50°C
Lead Temperature (soldering, 0s).......... +300°C
ElECTRICAl CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAx
UNIT
TTl INPUT
Logic Threshold LOW, V
iL
Tin, En, SD
0.8
Volts
Logic Threshold HIGH, V
iH
Tin, En, SD
2.0
Volts
Logic Pull-Up Current
Tin = 0V
5
200
μA
Maximum Data Rate
C
L = 2500pF, RL = 3kΩ
20
kbps
TTl OUTPUT
Output Voltage LOW, V
OL
iouT = 3.2ma: VCC = +5V
0.4
Volts
Output Voltage HIGH, V
OH
iouT = -1.0ma
3.5
Volts
Leakage Current
En = VCC, 0V ≤ VouT ≤ Vcc
Ta=25°C
0.05
+/-0
μA
RS-232 OUTPUT
output Voltage Swing
all Transmitter outputs loaded
with 3k ohms to GND
+/-5.0
+/-7
Volts
Output Resistance
Vcc = 0V, Vout = +/-2V
300
Ohms
Output Short Circuit Current
Infinite Duration
+/-25
mA
RS-232 INPUT
Voltage Range
-5
+5
Volts
Voltage Threshold LOW
Vcc = 5V, Ta=25°C
0.8
.2
Volts
Voltage Threshold HIGH
Vcc = 5V, Ta=25°C
.7
2.4
Volts
Hysteresis
Vcc = 5V
0.2
0.5
.0
Volts
Resistance
Ta=25°C
, -15V ≤ Vin ≤ +15V
3
5
7
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com