Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3485 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3485
Description  3.3V Low Power Half-Duplex RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3485 Datasheet(HTML) 5 Page - Exar Corporation

  SP3485 Datasheet HTML 1Page - Exar Corporation SP3485 Datasheet HTML 2Page - Exar Corporation SP3485 Datasheet HTML 3Page - Exar Corporation SP3485 Datasheet HTML 4Page - Exar Corporation SP3485 Datasheet HTML 5Page - Exar Corporation SP3485 Datasheet HTML 6Page - Exar Corporation SP3485 Datasheet HTML 7Page - Exar Corporation SP3485 Datasheet HTML 8Page - Exar Corporation SP3485 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000 • www.exar.com
SP3485_200_051916
TEST CIRCUITS
R
R
V
OC
D
Vcc
V
OD
Figure 1. Driver DC Test Load Circuit
GENERATOR
(NOTE 1)
50Ω
C
L
OUT
D
VCC
R
L =
60Ω
CL= 15pF (NOTE 2)
Figure 3. Driver Differential Output Delay and
Transition Time Circuit.
GENERATOR
(NOTE 1)
50Ω
S1
RL = 110Ω
OUT
CL = 50pF
(NOTE 2)
D
Figure 4. Driver Enable and Disable Timing Circuit,
Output High
Figure 2. Driver Propagation Delay Test Circuit
GENERATOR
(NOTE 1)
50Ω
C
L
OUT
D
VCC
R
L
54Ω
15pF
(NOTE 2)
Figure 5. Driver Enable and Disable Timing Circuit,
Output Low
GENERATOR
(NOTE 1)
50Ω
S1
RL = 110Ω
OUT
C L = 50pF
(NOTE 2)
D
0V OR 3V
VCC
GENERATOR
(NOTE 1)
50Ω
1.5V
0V
VID
R
OUT
CL = 15pF
(NOTE 2)
Figure 6. Receiver Propagation Delay Test Circuit
1.5V
-1.5V
S3
VID
GENERATOR
(NOTE 1)
50Ω
CL= 15pF
(NOTE 2)
R
1k
S1
S2
VCC
A
D
DI = 0 or Vcc
B
DE = 0 or Vcc
IOSD
-7V to +12V V
Figure 7. Receiver Enable and Disable Timing
Circuit
Figure 8. Driver Short Circuit Current Limit Test
NOTE 1: The input pulse is supplied by a generator with the following characteristics:
PRR = 250kHz, 50% duty cycle, t
R < 6.0ns, ZO = 50Ω.
NOTE 2: C
L includes probe and stray capacitance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com