Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8464BN Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464BN
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464BN Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP8464BN Datasheet HTML 18Page - National Semiconductor (TI) DP8464BN Datasheet HTML 19Page - National Semiconductor (TI) DP8464BN Datasheet HTML 20Page - National Semiconductor (TI) DP8464BN Datasheet HTML 21Page - National Semiconductor (TI) DP8464BN Datasheet HTML 22Page - National Semiconductor (TI) DP8464BN Datasheet HTML 23Page - National Semiconductor (TI) DP8464BN Datasheet HTML 24Page - National Semiconductor (TI) DP8464BN Datasheet HTML 25Page - National Semiconductor (TI) DP8464BN Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Application Information (Continued)
PARTS LIST FOR DP8464B BOARD
Component
Note
Function
Value for
Value for
Name
Value
5 Mbitssec
10 Mbitssec
R2
3
Adjustment for VREF (AGC amplitude)
1k pot
R3
3
Adjustment for Set Hyst (threshold)
1k pot
R4
2
Adjustment for differentiator network Q
5k pot
R5
1
Low pass filter resistor
560X
R6
1
Low pass filter resistor
240X
R7
1
Low pass filter resistor
240X
R8
Amp Out emitter bias resistor
43k
R9
Amp Out emitter bias resistor
43k
R10
Pull down resistor for ReadWrite Pin
51k
R11
Resistor in parallel with CAGC
100k
R12
Encoded Data Out damping resistor
51X
R13
ReadWrite damping resistor
51X
R14
Divider network for Set Hyst and VREF
24k
R17
6
Series resistor for Time Channel Input
Not required on DP8464B
R18
6
Series resistor for Time Channel Input
Not required on DP8464B
C1
VREF cap
01 mF
C2
Set Hyst cap
01 mF
C3
2
Differentiator cap
100 pF
50 pF
C4
Time and Gate Channel In coupling cap
001 mF
C5
Time and Gate Channel In coupling cap
001 mF
C6
1
Low pass filter cap
200 pF
100 pF
C7
1
Low pass filter cap
30 pF
15 pF
C8
4
CAGC cap
001 mF
C10
VCC cap
10 mF
C11
VCC cap
01 mF
C13
5
Amp In coupling cap
2200 pF
C14
5
Amp In coupling cap
2200 pF
C16
Set Pulse Width cap
100 pF
50 pF
L1
2
Differentiator inductor
36 mH
16 mH
L2
1
Low pass filter inductor
10 mH
47 mH
L3
1
Low pass filter inductor
10 mH
47 mH
BREADBOARD OPERATION NOTES
1 The low pass filter is a 3 pole Bessel with the corner
frequency at 375 MHz for the 5Mbitssec board (75
MHz for the 10 Mbitssec board)
2 The differentiator is a simple RLC filter with the break
frequency at 85 MHz for the 5 Mbitssec board (17 MHz
for the 10 Mbitssec board) The resistor can be adjusted
to correct for phase distortion in the channel
3 The VREF should be set at 05V Since the low pass filter
hasa6dB loss the signal on AMP OUT is 4 Vpp differen-
tial while the amplitude into the gate channel is 2 Vpp
differential The Set Hyst should be nominally set at
03V
4 The AGC attack time (the response to an increased input
amplitude) is about 2 ms To increase this time increase
the value of C8 (the AGC capacitor) The AGC decay time
(the response to a decrease in amplitude) is about 10 ms
To increase this time increase the value of R11 Care
must be taken to not allow the response of the AGC loop
to become too fast otherwise loop instability may occur
5 The input pole is set at 72 kHz (1k input impedance and a
2200 pF input coupling capacitor)
6 Pulse pairing (described in the differentiator section of
this data sheet) can be caused by unequal delays through
the Bi-directional one shots To minimize this effect pin 2
should be connected to pin 22 and pin 23 should be
connected to pin 21 If connected this way the delays
tend to cancel
REFERENCES
1 I H Graham ‘‘Data Detection Methods vs Head Resolu-
tion in Digital Recording’’ IEEE Transactions on Magnet-
ics Vol MAG-14 No 4 (July 1978)
2 I H Graham ‘‘Digital Magnetic Recording Circuits’’ to be
published
3 Anatol I Zverev Handbook of Filter Synthesis John Wi-
ley
Sons publisher 1967
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com