Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C166 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C166
Description  16K x 4 Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C166 Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY7C166 Datasheet HTML 1Page - Cypress Semiconductor CY7C166 Datasheet HTML 2Page - Cypress Semiconductor CY7C166 Datasheet HTML 3Page - Cypress Semiconductor CY7C166 Datasheet HTML 4Page - Cypress Semiconductor CY7C166 Datasheet HTML 5Page - Cypress Semiconductor CY7C166 Datasheet HTML 6Page - Cypress Semiconductor CY7C166 Datasheet HTML 7Page - Cypress Semiconductor CY7C166 Datasheet HTML 8Page - Cypress Semiconductor CY7C166 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CY7C164
CY7C166
Document #: 38-05025 Rev. **
Page 8 of 9
© Cypress Semiconductor Corporation, 2001. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Diagrams
51-85012-A
22-Lead (300-Mil) Molded DIP P9
51-85013-A
24-Lead (300-Mil) Molded DIP P13/P13A
24-Lead (300-Mil) Molded SOJ V13
51-85030-A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com