Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4931ITL/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LM4931ITL/NOPB
Description  Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 42Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 43Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 44Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 45Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 46Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 47Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 48Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 49Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
MECHANICAL DATA
YZR0042xxx
www.ti.com
TLA42XXX (Rev D)
0.600±0.075
D
E
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
4215060/A
12/12
D: Max =
E: Max =
3.966 mm, Min =
3.559 mm, Min =
3.905 mm
3.498 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com